Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSC100CT13.2 Datasheet(PDF) 1 Page - Powerbox

Part # PSC100CT13.2
Description  100 - 240 WATTS DC/DC SINGLE MULTI OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PSC100CT13.2 Datasheet(HTML) 1 Page - Powerbox

  PSC100CT13.2 Datasheet HTML 1Page - Powerbox PSC100CT13.2 Datasheet HTML 2Page - Powerbox PSC100CT13.2 Datasheet HTML 3Page - Powerbox PSC100CT13.2 Datasheet HTML 4Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
415
Your dependable power partner – www.powerbox.com.au
PSC150 & 240 Series
100-240
W A TTS
DC/DC
SINGLE
MUL TI
OUTPUT
Specifications
INPUT
Nominal Voltage
See selection chart
Current at No Load (max)
3W–5W
Protection
Fuse on board, reverse voltage protection
Isolation
4000VAC
EMC
EN55011/EN55022
Level B
Soft Start
Yes with inrush current limit
OUTPUT
Power
50W, 80W, 100W, 150W, 200W and 240W
Voltage Adjustment
-10% to +10%
Current Limit
105%
Ripple & Noise pk-pk
10mV pk-pk typical
Regulation
Line: 0.2% L1 to H1; Load: 0.2% NL to FL
Temperature Coefficient
0.02% per °C
Transient Response
10% up to 100% typical <2mS
Overvoltage Protection
parallel diode
Reverse Voltage Protection Option
Short Circuit Protection
Yes
Overload Protection
Yes
OPERATING
Efficiency
Single outputs 79%–95% typical
Multi outputs 75%–85% typical
Parallel Operation
Single outputs only (derate power by 10%)
Series Operation
Yes
ENVIRONMENTAL
Operating Temperature
-20°C to +70°C (PSC50/80 – 5V only +55°C)
Storage Temperature
-40°C to +85°C
Derating
No
Cooling
Convection
STANDARDS AND APPROVALS
Safety Standards
IEC950, IEC 60950
C-Tick
AS/NZS CISPR11: 2002 Group1 Class A
EMI standards
EN55011/EN55022, EN61000-6-3
EMC standards
EN61000-6-2, EN/IEC61000-4-4, EN61000-4-5
Features
Very wide input range
Convection cooled
Operating temperature to 70°C
Meets IP30
Conformal coated
IEC1000-4-4, EN55022-3
IEC950, EN60950
OPTIONS
A
– Overvoltage protection (OVP)
A built in SCR thyristor short circuits the output when an overvoltage
occurs. The trigger voltage is 15% higher than the nominal output
voltage.
C
– Series diode on output
For parallel redundant applications built in series diodes can be
provided. The output power may be derated depending upon the model.
E1
– 2.5kVAC isolation between input/output and input/case.
On 24 & 48V inputs. The emission level incrases to level A.
E2
– Same as E1 but also 2.5kVAC between output/case.
L
– Front panel for eurorack 10, 12, 14 TE
K1
– Input diode in series
K2
– Built in glass fuse on PSC80, PSC100 and PSC150
M
– Inrush current limit with NTC-resistor on D-input
N
– Wall mounting brackets
H15S– H15 female screw connector
O
– Rear Eurorack mounting brackets
S
– Remote sense
NTC – Inrush current limit with NTC
Input - Mobile application, consult sales
MECHANICAL
Case
Eurocassette
Dimensions
See drawing examples. Consult sales office for full
details
Connectors
15 Pole DIN standard 41612 H15


Similar Part No. - PSC100CT13.2

ManufacturerPart #DatasheetDescription
logo
Powerbox
PSC100AC12 POWERBOX-PSC100AC12 Datasheet
517Kb / 3P
   100 - 240 WATTS AC/DC SINGLE MULTI OUTPUT
PSC100AC12S12 POWERBOX-PSC100AC12S12 Datasheet
517Kb / 3P
   100 - 240 WATTS AC/DC SINGLE MULTI OUTPUT
PSC100AC12S5 POWERBOX-PSC100AC12S5 Datasheet
517Kb / 3P
   100 - 240 WATTS AC/DC SINGLE MULTI OUTPUT
PSC100AC13.2 POWERBOX-PSC100AC13.2 Datasheet
517Kb / 3P
   100 - 240 WATTS AC/DC SINGLE MULTI OUTPUT
PSC100AC15 POWERBOX-PSC100AC15 Datasheet
517Kb / 3P
   100 - 240 WATTS AC/DC SINGLE MULTI OUTPUT
More results

Similar Description - PSC100CT13.2

ManufacturerPart #DatasheetDescription
logo
Powerbox
PSC240ACR15 POWERBOX-PSC240ACR15 Datasheet
517Kb / 3P
   100 - 240 WATTS AC/DC SINGLE MULTI OUTPUT
logo
Integrated Power Design...
DC2-110 IPDPOWER-DC2-110 Datasheet
399Kb / 2P
   110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
DC4-110 IPDPOWER-DC4-110 Datasheet
390Kb / 2P
   110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
DC4-150 IPDPOWER-DC4-150 Datasheet
383Kb / 2P
   150 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. V 10/06/2022
DC1-80 IPDPOWER-DC1-80 Datasheet
418Kb / 2P
   80 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. C 10/06/2022
DC2-150 IPDPOWER-DC2-150 Datasheet
371Kb / 2P
   150 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. V 10/06/2022
DC4-185 IPDPOWER-DC4-185 Datasheet
404Kb / 2P
   185 WATTS SINGLE/MULTI OUTPUT DC-DC
Rev. W 10/06/2022
DC4-70 IPDPOWER-DC4-70 Datasheet
359Kb / 2P
   70 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. V 10/06/2022
DC2-185 IPDPOWER-DC2-185 Datasheet
405Kb / 2P
   185 WATTS SINGLE/MULTI OUTPUT DC-DC
Rev. V 10/06/2022
DC2-70 IPDPOWER-DC2-70 Datasheet
362Kb / 2P
   70 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. V 10/06/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com