Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PU300B36 Datasheet(PDF) 2 Page - Powerbox

Part # PU300B36
Description  216 - 500 WATTS DC/DC SINGLE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PU300B36 Datasheet(HTML) 2 Page - Powerbox

  PU300B36 Datasheet HTML 1Page - Powerbox PU300B36 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
136
PU300-PU500
216-500 W A TTS DC/DC SINGLE
Technical Illustrations
PU300-PU500 - FRONT PANEL
Side View
Selection Table
MODEL
NUMBER
INPUT
OUTPUT
OUTPUT
POWER
PU300A12
10-30V
12V
18A
216W
PU300A13.8
10-30V
13.8V
16A
220W
PU300A15
10-30V
15V
16A
240W
PU300A24
10-30V
24V
10A
240W
PU300A28
10-30V
28V
8.58A
240W
PU300A36
10-30V
36V
6.67A
240W
PU300A48
10-30V
48V
5A
240W
PU300A60
10-30V
60V
4A
240W
PU300B12
20-60V
12V
25A
300W
PU300B13.8
20-60V
13.8V 21.8A
300W
PU300B15
20-60V
15V
20A
300W
PU300B24
20-60V
24V
12.5A
300W
PU300B28
20-60V
28V
10.8A
300W
PU300B36
20-60V
36V
8.34A
300W
PU300B48
20-60V
48V
6.25A
300W
PU300B60
20-60V
60V
5A
300W
PU300C12
50-150V
12V
25A
300W
MODEL
NUMBER
INPUT
OUTPUT
OUTPUT
POWER
PU300C13.8
50-150V
13.8V
21.8A
300W
PU300C15
50-150V
15V
20A
300W
PU300C24
50-150V
24V
12.5A
300W
PU300C28
50-150V
28V
10.8A
300W
PU300C36
50-150V
36V
8.34A
300W
PU300C48
50-150V
48V
6.25A
300W
PU300C60
50-150V
60V
5A
300W
PU300D12
90-270V
12V
25A
300W
PU300D13.8
90-270V
13.8V
21.8A
300W
PU300D15
90-270V
15V
20A
300W
PU300D24
90-270V
24V
12.5A
300W
PU300D28
90-270V
28V
10.8A
300W
PU300D36
90-270V
36V
8.34A
300W
PU300D48
90-270V
48V
6.25A
300W
PU300D60
90-270V
60V
5A
300W
PU500 24/24
18-32V
24V
16.7A
400W
PU500 24/28
18-32V
28V
14.3A
400W
MODEL
NUMBER
INPUT
OUTPUT
OUTPUT
POWER
PU500 24/36
18-32V
36V
11.2A
400W
PU500 24/48
18-32V
48V
8.4A
400W
PU500 24/60
18-32V
60V
6.7A
400W
PU500 48/24
38-60V
24V
20.9A
500W
PU500 48/28
38-60V
28V
17.9A
500W
PU500 48/36
38-60V
36V
13.9A
500W
PU500 48/48
38-60V
48V
10.5A
500W
PU500 48/60
38-60V
60V
8.4A
500W
PU500 110/24
88-150V
24V
20.9A
500W
PU500 110/28
88-150V
28V
17.9A
500W
PU500 110/36
88-150V
36V
13.9A
500W
PU500 110/48
88-150V
48V
10.5A
500W
PU500 110/60
88-150V
60V
8.4A
500W
PU500 220/24
175-300V
24V
20.9A
500W
PU500 220/28
175-300V
28V
17.9A
500W
PU500 220/36
175-300V
36V
13.9A
500W
PU500 220/48
175-300V
48V
10.5A
500W
PU500 220/60
175-300V
60V
8.4A
500W


Similar Part No. - PU300B36

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
PU3006B YHDC-PU3006B Datasheet
1Mb / 1P
   PU series flat type isolation transformer
PU3009B YHDC-PU3009B Datasheet
929Kb / 1P
   PU series flat type isolation transformer
More results

Similar Description - PU300B36

ManufacturerPart #DatasheetDescription
logo
Powerbox
PB261 POWERBOX-PB261 Datasheet
408Kb / 2P
   200-500 WATTS DC/DC SINGLE OUTPUT
logo
XP Power Limited
GCU500 XPPOWER-GCU500_18 Datasheet
1Mb / 9P
   AC-DC Power Supplies 500 Watts
logo
Powerbox
PBMPLS-12U POWERBOX-PBMPLS-12U Datasheet
660Kb / 2P
   500-7000 WATTS DC/AC INVERTER
PBMPLS-12U-RM POWERBOX-PBMPLS-12U-RM Datasheet
358Kb / 2P
   500-5000 WATTS DC/AC INVERTER
PBDD-5026J POWERBOX-PBDD-5026J Datasheet
314Kb / 1P
   52-132 WATTS DC/DC SINGLE
PM250 POWERBOX-PM250 Datasheet
473Kb / 2P
   187 - 250 WATTS DC/DC SINGLE
S600 POWERBOX-S600 Datasheet
418Kb / 1P
   350 WATTS DC/DC SINGLE OUTPUT
PM150 POWERBOX-PM150 Datasheet
911Kb / 2P
   120 - 240 WATTS DC/DC SINGLE
PU600 POWERBOX-PU600 Datasheet
861Kb / 2P
   480 - 1000 WATTS DC/DC SINGLE
PBI2H-1205F POWERBOX-PBI2H-1205F Datasheet
1,008Kb / 2P
   15-25 WATTS DC/DC SINGLE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com