Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSE100C48 Datasheet(PDF) 1 Page - Powerbox

Part # PSE100C48
Description  60 - 100 WATTS DC/DC SINGLE OUTPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PSE100C48 Datasheet(HTML) 1 Page - Powerbox

  PSE100C48 Datasheet HTML 1Page - Powerbox PSE100C48 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
411
Your dependable power partner – www.powerbox.com.au
PSE100 Series
60-100
W A TTS
DC/DC
SINGLE
OUTPUT
Features
Under voltage logic alarm.
Conformally coating, tropic.
Reverse input voltage protection.
High efficiency.
Fully encapsulated, meets IP30 standard.
Convectional cooled.
Specifications
INPUT
Voltage
See table
Isolation
Input – Output: 2kVdc (Input code A, B)
Input – Output: 2.5kVac / 4kVdc (Input code C/ D)
Input – Case: 2kVdc (Input code A, B)
Input – Case: 2.5kVac / 4kVdc (Input – code C/ D)
Output – Case: 2kVdc
Reverse voltage protection
Yes.
OUTPUT
Voltage
See table.
Current
See table.
Source regulation
0.2%.
Load regulation
0.2% (0-100% load)
Output ripple (100kHz)
10mV p-p (typical)
Voltage adjustment
90% - 110%.
Current limit protection
105%.
Under voltage logic alarm
90% of nominal output.
Soft start
Yes.
Start-up time
1s.
Hold-up time
2-10ms
Efficiency
80-88%
ENVIRONMENTAL
Operating temperature
-25°C to +70°C (100% load, O/P > 10V). -25°C to
+55°C (100% load, O/P < 10V).
Temperature coefficient
0.02% / °C.
Storage temperature
-40°C to 85°C.
Conformal coating
Conformal coated to withstand non-condensing
tropical environment RH 95%
MECHANICAL
Mechanical dimensions
3U x 8TE x 167mm
Weight
0.85kg
GENERAL
Cooling
Convectional cooling.
Optional features
-Overvoltage protection, option A. The output
voltage is limited to 15% nominal output voltage. A
thyristor short- circuit the output.
-Undervoltage alarm with relay, option B. The
logic alarm output is replaced with Relay with
selectable alarm logic NO or NC.
-Built in series diode, option C. A series diode
on the output, when output is connected in parallel
with other power supplies to achieve redundancy.
Output power might be derated.
-Remote sense, option S. The voltage sensing can
be put at the load to compensate for voltage drop.
This is standard feature on 5V output.
-Inrush current limit with NTC, option H. Only for C
-input code. Reduce the inrush current during the
start up. The input voltage range will be affected.
- 2.5kVac isolation input/case, option E1. On
A and B inputs. The emission level increase to level A.
- 2.5kVac isolation output/case, option E2. The
emission level will increase to level A.
-Train input, option T. Input voltage range
according to train Standard EN50155 and IEC 60751.
- Euro panel, option L 8TE for PSE 100, 10TE for 5V
output with extra cooler.
- Wall mounting panels, option N. Wall
mounting panel with connector holder The female
connector has to be chosen.
- H15 screw type female, H15-S
- H15 fast-on 6.3mm female, H15-T
- Din rail TS35 clips, option Q.
STANDARDS
Safety
IEC60950-1: 2001
EMI standards
EN55011/EN55022 class B, IEC/EN61000-6-2,
C-Tick
AS/NZS CISPR11: 2002 Group1 Class A
EMC standards
EN61000-6-2, EN/IEC61000-4-4, EN61000-4-5


Similar Part No. - PSE100C48

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
PSE1000-PFC EMERSON-NETWORKPOWER-PSE1000-PFC Datasheet
493Kb / 4P
   1000 W output power
logo
Artesyn Technologies
PSE1000PFC ARTESYN-PSE1000PFC Datasheet
493Kb / 4P
   Embedded Power for Business-Critical Continuity
More results

Similar Description - PSE100C48

ManufacturerPart #DatasheetDescription
logo
Powerbox
PB271 POWERBOX-PB271 Datasheet
478Kb / 2P
   100-150 WATTS DC/DC SINGLE OUTPUT RAILWAY
logo
Wall Industries,Inc.
DCBYB100 WALL-DCBYB100 Datasheet
548Kb / 7P
   100 Watts Isolated DC/DC Converter Single Output
logo
Integrated Power Design...
NXT-100 IPDPOWER-NXT-100 Datasheet
390Kb / 2P
   100 WATTS SINGLE OUTPUT AC-DC
logo
Powerbox
PSC150 POWERBOX-PSC150 Datasheet
1Mb / 4P
   100 - 240 WATTS DC/DC SINGLE MULTI OUTPUT
C01 POWERBOX-C01 Datasheet
2Mb / 2P
   1 WATTS 100-8KV SINGLE OUTPUT DC/DC INDUSTRIAL
PBJE45-10 POWERBOX-PBJE45-10 Datasheet
721Kb / 4P
   45-100 WATTS DC/DC SINGLE DUAL & TRIPLE OUTPUT
Q01-5 POWERBOX-Q01-5 Datasheet
1Mb / 3P
   0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
PBSE5125 POWERBOX-PBSE5125 Datasheet
663Kb / 1P
   100 WATTS SINGLE OUTPUT AC/DC MEDICAL
TR100 POWERBOX-TR100 Datasheet
386Kb / 1P
   100 WATTS SINGLE OUTPUT AC/DC GENERAL
S600 POWERBOX-S600 Datasheet
418Kb / 1P
   350 WATTS DC/DC SINGLE OUTPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com