Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM650-16 Datasheet(PDF) 1 Page - Powerbox

Part # PM650-16
Description  650 - 700 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PM650-16 Datasheet(HTML) 1 Page - Powerbox

  PM650-16 Datasheet HTML 1Page - Powerbox PM650-16 Datasheet HTML 2Page - Powerbox PM650-16 Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
353
Your dependable power partner – www.powerbox.com.au
PM650 Series
650-700 W A TTS SINGLE & MUL TIPLE OUTPUT AC/DC MEDICAL
Features
• EN61000-3-2 class A and D compliant.
• Power factor 0.98 typical.
• Remote sense on output 1 and output 2.
• Overvoltage protection.
• Overcurrent protection.
• Power fail detection (PFD) signal.
• 100% burn-in at full rated load.
• Remote inhibit - TTL high disables output.
• Short curcuit protection
• Thermal protection.
Specifications
INPUT
Input Voltage
90-264Vac
Frequency
47Hz–67Hz
Input Current
7.1A (rms) for 115Vac.
3.5A (rms) for 230Vac.
Leakage current
100µA max. @ 115Vac. 60Hz.
165µA max. @ 230Vac. 50Hz.
Isolation
Input – Output: 4000VAC
Input – Ground: 1500VAC
Output – Ground: 500VAC
Inrush Current
40A @ 115V, 80A @ 230V
OUTPUT
Output Voltage
See table
Output Current
See table
Ripple & Noise
2% peak to peak
Line Regulation
±0.2% maximum at full load.
Load Regulation
See table
Transient Response
Max. deviation 4% recovering to 1% within
500µs after 25% load charge
Overvoltage Protection
Provided on V1 only. Set at 115%–140% of
nominal.
Overcurrent Protection
All outputs protected for short circuit conditions
Temperature Coefficient
All outputs ±0.04% per °C.
Holdup Time
Typically 12ms at 110VAC.
PFD Signal
Power fail detection signal. TTL logic low upon
loss of input power.
Remote inhibit
Requires an external TTL high level signal to
inhibit outputs for standard models.
OPERATING
MTBF
300,000 hrs @ 25°C
Efficiency
70% minimum.
ENVIRONMENTAL
Operating Temperature
0°C to 70°C
Derating
Derate to 50% at 70°C
Storage Temperature
-40°C to 85°C
Relative Humidity
5%–95% non-condensing
STANDARDS AND APPROVALS
Safety standards
UL2601-1, CSA C22.2, TUV EN60601-1
C-Tick
AS/NZS CISPR11 Group 1, Class A
EMC standards
EN60601-1-2: 2001,EN61000-3-2, -3,
EN61000-4-2, -3, -4, -5, -6, -8, -11
EMI standards
EN55011 Class B
MECHANICAL
Dimensions
266.7x127x63.5mm
Weight
TBA.
Preliminary


Similar Part No. - PM650-16

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
PM65 TRUMPOWER-PM65 Datasheet
220Kb / 2P
   65 WATT MEDICAL POWER SUPPLIES
logo
Powerbox
PM65 POWERBOX-PM65 Datasheet
591Kb / 2P
   50 - 65 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
logo
Tumbler Technologies + ...
PM65-10A TRUMPOWER-PM65-10A Datasheet
220Kb / 2P
   65 WATT MEDICAL POWER SUPPLIES
logo
Powerbox
PM65-10A POWERBOX-PM65-10A Datasheet
591Kb / 2P
   50 - 65 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
logo
Tumbler Technologies + ...
PM65-12A TRUMPOWER-PM65-12A Datasheet
220Kb / 2P
   65 WATT MEDICAL POWER SUPPLIES
More results

Similar Description - PM650-16

ManufacturerPart #DatasheetDescription
logo
Powerbox
PM200 POWERBOX-PM200 Datasheet
828Kb / 2P
   200 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM40AL POWERBOX-PM40AL Datasheet
566Kb / 2P
   40 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
OBP02013 POWERBOX-OBP02013 Datasheet
802Kb / 3P
   200-300 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM41 POWERBOX-PM41 Datasheet
661Kb / 2P
   30 -40 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM65 POWERBOX-PM65 Datasheet
591Kb / 2P
   50 - 65 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM110 POWERBOX-PM110 Datasheet
793Kb / 2P
   72 - 110 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM450 POWERBOX-PM450 Datasheet
439Kb / 3P
   450 - 480 watts single & multiple output ac/dc medical
PMP55 POWERBOX-PMP55 Datasheet
491Kb / 2P
   40 - 55 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
OBN01016 POWERBOX-OBN01016 Datasheet
1Mb / 2P
   150-200 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM25-10A POWERBOX-PM25-10A Datasheet
750Kb / 2P
   25-28 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com