Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBIH-2405R Datasheet(PDF) 3 Page - Powerbox

Part # PBIH-2405R
Description  15-150 WATTS DC/DC SINGLE OUTPUT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBIH-2405R Datasheet(HTML) 3 Page - Powerbox

  PBIH-2405R Datasheet HTML 1Page - Powerbox PBIH-2405R Datasheet HTML 2Page - Powerbox PBIH-2405R Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
108
PBIH-G
PBIH-J
PBIH-M
Terminal
Connection
0FG
1
DC +V in
2
0V in
3
LFG
4NO
5NO
6
-V out
7
+V out
Terminal
Connection
1FG
2
DC +V in
3
0V in
4
LFG
5
-V out
6
+V out
7NC
Terminal
Connection
1
+V out
2
+V out
3
-V out
4
-V out
5FG
6
-V in
7
+V in
Terminal
Connection
1, 2
+V out
3+S
4-S
5, 6
-V out
7
Remote
Control
8
DC +V in
9
DC 0V in
10
FG
PBIH Series
15-150 W A TTS SINGLE OUTPUT
PBIH-R


Similar Part No. - PBIH-2405R

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBIH-2405F POWERBOX-PBIH-2405F Datasheet
288Kb / 3P
   1 5 - 1 5 0 WAT T S D C / D C S I N G L E O U T P U T
More results

Similar Description - PBIH-2405R

ManufacturerPart #DatasheetDescription
logo
Powerbox
PSE250 POWERBOX-PSE250 Datasheet
235Kb / 2P
   150 - 250 WATTS DC/DC SINGLE OUTPUT
logo
Integrated Power Design...
DC4-150 IPDPOWER-DC4-150 Datasheet
383Kb / 2P
   150 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. V 10/06/2022
DC2-150 IPDPOWER-DC2-150 Datasheet
371Kb / 2P
   150 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. V 10/06/2022
logo
Powerbox
C300 POWERBOX-C300 Datasheet
376Kb / 1P
   150 WATTS (AC) DC/DC SINGLE OUTPUT
PB271 POWERBOX-PB271 Datasheet
478Kb / 2P
   100-150 WATTS DC/DC SINGLE OUTPUT RAILWAY
MAE25 POWERBOX-MAE25 Datasheet
508Kb / 2P
   15 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAE34 POWERBOX-MAE34 Datasheet
488Kb / 2P
   15 WATTS SINGLE & MULTI OUTPUT DC/DC INDUSTRIAL
logo
Integrated Power Design...
REL-150 IPDPOWER-REL-150 Datasheet
412Kb / 3P
   150 WATTS SINGLE/MULTI OUTPUT AC-DC
CE-150 IPDPOWER-CE-150 Datasheet
579Kb / 2P
   150 WATTS SINGLE/MULTI OUTPUT AC-DC
REV V 10/6/2022
logo
Powerbox
PUP150 POWERBOX-PUP150 Datasheet
435Kb / 2P
   150 WATTS SINGLE OUTPUT AC/DC GENERAL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com