Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM66-13A Datasheet(PDF) 2 Page - Powerbox

Part # PM66-13A
Description  51-65 WATTS SINGLE OUTPUT AC/DC MEDICAL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PM66-13A Datasheet(HTML) 2 Page - Powerbox

  PM66-13A Datasheet HTML 1Page - Powerbox PM66-13A Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
339
Your dependable power partner – www.powerbox.com.au
MAX.
MODEL
OUTPUT #1
OUTPUT
NUMBER
VNOM
IMIN
IMAX
TOL
POWER
PM66-10A
5.1V
0A
10.0A
3%
51W
PM66-12A
12V
0A
5.5A
2%
65W
PM66-13A
15V
0A
4.4A
2%
65W
PM66-13-1A
18V
0A
3.7A
2%
65W
PM66-14A
24V
0A
2.8A
2%
65W
PM66-15A
28V
0A
2.4A
2%
65W
NOTES:
Ripple and noise: Peak to Peak with 20 MHz bandwidth and 10 F in parallel with a 0.1 F capacitor at rated line voltage and load ranges.
Selection Table
PM66 Series
51-65 W A TTS SINGLE OUTPUT AC/DC MEDICAL
P1
P2
P3
P4
MODEL/PIN
1
2
1
1
2
3
4
5
6
1
2
PM66-10A
PM66-13A
PM66-14A
PM66-12A
PM66-13-1A
PM66-15A
AC Live
AC
Netural
AC
Ground
Output 1
Output 1
Output 1
Return
Return
Return
+Sense
-Sense
Pin Chart
Technical Illustration


Similar Part No. - PM66-13A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PM66-13A PROTEC-PM66-13A Datasheet
704Kb / 2P
   51-65 WATT MEDICAL SWITCHING POWER SUPPLIES
More results

Similar Description - PM66-13A

ManufacturerPart #DatasheetDescription
logo
Powerbox
PM65 POWERBOX-PM65 Datasheet
591Kb / 2P
   50 - 65 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
logo
Wall Industries,Inc.
PSMPS65 WALL-PSMPS65 Datasheet
169Kb / 3P
   Single Output Up to 65 Watts AC/DC Medical Power Supply
PSM WALL-PSM Datasheet
137Kb / 2P
   Open Frame 40~65 Watts Single Output AC/DC Medical Power Supply
logo
Powerbox
PBSE5125 POWERBOX-PBSE5125 Datasheet
663Kb / 1P
   100 WATTS SINGLE OUTPUT AC/DC MEDICAL
TR30M POWERBOX-TR30M Datasheet
529Kb / 1P
   20 - 30 WATTS SINGLE OUTPUT AC/DC MEDICAL
PMP130 POWERBOX-PMP130 Datasheet
561Kb / 2P
   100 - 130 WATTS SINGLE OUTPUT AC/DC MEDICAL
PMP30 POWERBOX-PMP30 Datasheet
465Kb / 2P
   25 - 30 WATTS SINGLE OUTPUT AC/DC MEDICAL
PM200 POWERBOX-PM200 Datasheet
828Kb / 2P
   200 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
TR30RAM POWERBOX-TR30RAM Datasheet
401Kb / 1P
   20 - 30 WATTS SINGLE OUTPUT AC/DC MEDICAL
PM40AL POWERBOX-PM40AL Datasheet
566Kb / 2P
   40 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com