Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM66-13A Datasheet(PDF) 1 Page - Powerbox

Part # PM66-13A
Description  51-65 WATTS SINGLE OUTPUT AC/DC MEDICAL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PM66-13A Datasheet(HTML) 1 Page - Powerbox

  PM66-13A Datasheet HTML 1Page - Powerbox PM66-13A Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
338
PM66 Series
51-65 W A TTS SINGLE OUTPUT AC/DC MEDICAL
Specifications
INPUT
Input Voltage
90–264Vac wide input
Frequency
47Hz–67Hz
Input Current
1.6A (rms) for 115Vac.
1.0A (rms) for 230Vac.
Leakage current
90µA max. @ 115Vac. 60Hz.
150µA max. @ 230Vac. 50Hz.
Isolation
Input – Output: 4000VAC
Input – Ground: 1500VAC
Output – Ground: 500VAC
Inrush Current
17A @ 115V, 40A @ 230V
OUTPUT
Output Voltage
See table
Output Voltage Adjustment
V1 ±10%
Output Current
See table
Ripple & Noise
1% peak to peak
Line Regulation
±0.5% maximum at full load.
Load Regulation
See table
Transient Response
Max. deviation 4% recovering to 1% within
500µs after 25% load charge
Overvoltage Protection
Provided on V1 only. Set at 110%–132% of
nominal
Overcurrent Protection
All outputs protected for short circuit conditions
Temperature Coefficient
All outputs ±0.04% per °C
Holdup Time
Typically 10mS at 110VAC
OPERATING
MTBF
400,000 hrs @ 25°C
Efficiency
66%–75%
ENVIRONMENTAL
Operating Temperature
0°C to 70°C
Derating
Derate to 50% at 70°C
Storage Temperature
-40°C to 85°C
Relative Humidity
5%–95% non-condensing
STANDARDS AND APPROVALS
Safety standards
UL2601-1, CSA C22.2, TUV EN60601-1
C-Tick
AS/NZS CISPR11 Group 1, Class A
EMC standards
EN60601-1-2: 2001,EN61000-3-2, -3,
EN61000-4-2, -3, -4, -5, -6, -8, -11
EMI standards
EN55011 Class B, FCC Class B, VCCI Class B
MECHANICAL
Dimensions
127x76.2x31.6mm
Weight
330grams.
Features
• Low safety ground leakage current.
• Wide input range 90 to 264Vac.
• Input surge current protection.
• Overvoltage protection.
• Overcurrent protection.
• Compact, open PCB construction.
• 100% burn-in at full rated load.


Similar Part No. - PM66-13A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PM66-13A PROTEC-PM66-13A Datasheet
704Kb / 2P
   51-65 WATT MEDICAL SWITCHING POWER SUPPLIES
More results

Similar Description - PM66-13A

ManufacturerPart #DatasheetDescription
logo
Powerbox
PM65 POWERBOX-PM65 Datasheet
591Kb / 2P
   50 - 65 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
logo
Wall Industries,Inc.
PSMPS65 WALL-PSMPS65 Datasheet
169Kb / 3P
   Single Output Up to 65 Watts AC/DC Medical Power Supply
PSM WALL-PSM Datasheet
137Kb / 2P
   Open Frame 40~65 Watts Single Output AC/DC Medical Power Supply
logo
Powerbox
PBSE5125 POWERBOX-PBSE5125 Datasheet
663Kb / 1P
   100 WATTS SINGLE OUTPUT AC/DC MEDICAL
TR30M POWERBOX-TR30M Datasheet
529Kb / 1P
   20 - 30 WATTS SINGLE OUTPUT AC/DC MEDICAL
PMP130 POWERBOX-PMP130 Datasheet
561Kb / 2P
   100 - 130 WATTS SINGLE OUTPUT AC/DC MEDICAL
PMP30 POWERBOX-PMP30 Datasheet
465Kb / 2P
   25 - 30 WATTS SINGLE OUTPUT AC/DC MEDICAL
PM200 POWERBOX-PM200 Datasheet
828Kb / 2P
   200 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
TR30RAM POWERBOX-TR30RAM Datasheet
401Kb / 1P
   20 - 30 WATTS SINGLE OUTPUT AC/DC MEDICAL
PM40AL POWERBOX-PM40AL Datasheet
566Kb / 2P
   40 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com