Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM41-15A Datasheet(PDF) 2 Page - Powerbox

Part # PM41-15A
Description  30 -40 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PM41-15A Datasheet(HTML) 2 Page - Powerbox

  PM41-15A Datasheet HTML 1Page - Powerbox PM41-15A Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
333
Your dependable power partner – www.powerbox.com.au
PM41 Series
30-40 W A TTS SINGLE & MUL TIPLE OUTPUT AC/DC MEDICAL
MAX.
MODEL
OUTPUT #1
OUTPUT
NUMBER
VNOM
IMIN
IMAX
TOL
POWER
PM41-10A
5.1V
0A
6.0A
2%
30W
PM41-12A
12V
0A
3.3A
2%
40W
PM41-13A
15V
0A
2.7A
2%
40W
PM41-13-1A
18V
0A
2.3A
2%
40W
PM41-14A
24V
0A
1.7A
2%
40W
PM41-15A
28V
0A
1.4A
2%
40W
NOTES:
Ripple and noise: Peak to Peak with 20 MHz bandwidth and 10 F in parallel with a 0.1 F capacitor at rated line voltage and load ranges.
Selection Table
SINGLE OUTPUT MODELS
MODEL/PIN
1
2
3
4
PM41-10A
PM41-12A
PM41-13A
PM41-13-1A
PM41-14A
PM41-15A
Output
Output
Return
Return
Pin Chart
Technical Illustration


Similar Part No. - PM41-15A

ManufacturerPart #DatasheetDescription
logo
Sames
PM4100APD SAMES-PM4100APD Datasheet
644Kb / 14P
   Energy Meter Evaluation Module
PM4104APDA SAMES-PM4104APDA Datasheet
407Kb / 14P
   Evaluation Module for SA4104A and SA4104B
PM4106APDA SAMES-PM4106APDA Datasheet
412Kb / 14P
   Evaluation Module for SA4106A
logo
Connor-Winfield Corpora...
PM412-155.52M CONNOR-WINFIELD-PM412-155.52M Datasheet
145Kb / 2P
   5.0x7.0mm Surface Mount LVPECL Clock Oscillator Series
PM413-155.52M CONNOR-WINFIELD-PM413-155.52M Datasheet
145Kb / 2P
   5.0x7.0mm Surface Mount LVPECL Clock Oscillator Series
More results

Similar Description - PM41-15A

ManufacturerPart #DatasheetDescription
logo
Powerbox
PM40AL POWERBOX-PM40AL Datasheet
566Kb / 2P
   40 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PMP55 POWERBOX-PMP55 Datasheet
491Kb / 2P
   40 - 55 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM200 POWERBOX-PM200 Datasheet
828Kb / 2P
   200 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
OBP02013 POWERBOX-OBP02013 Datasheet
802Kb / 3P
   200-300 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM65 POWERBOX-PM65 Datasheet
591Kb / 2P
   50 - 65 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM110 POWERBOX-PM110 Datasheet
793Kb / 2P
   72 - 110 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM650 POWERBOX-PM650 Datasheet
444Kb / 3P
   650 - 700 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM450 POWERBOX-PM450 Datasheet
439Kb / 3P
   450 - 480 watts single & multiple output ac/dc medical
OBN01016 POWERBOX-OBN01016 Datasheet
1Mb / 2P
   150-200 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM25-10A POWERBOX-PM25-10A Datasheet
750Kb / 2P
   25-28 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com