Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSP-48V Datasheet(PDF) 1 Page - Powerbox

Part # PBSP-48V
Description  1300-1700WATT DC/AC INVERTER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBSP-48V Datasheet(HTML) 1 Page - Powerbox

  PBSP-48V Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
448
PBSP Voyager Series
1300-1700W A TT DC/AC INVER TER
Selection Table
Technical Illustration
Features
True sinewave waveform.
Excellent short term and surge ratings.
Fast and flexible installation.
Standard power point, with optional safety switch /
AC circuit breaker.
Adjusted load detection.
Isolated output.
3 x LED indicator.
Specifications
INPUT
Voltage
12, 24 and 48Vdc.
Voltage range
12Vdc (10.5-17Vdc).
24Vdc (21-34Vdc).
48Vdc (42-68Vdc).
OUTPUT
Voltage
230Vac ±0.02% (Standard).
Frequency
50Hz ±0.02%.
Output waveform
True sinewave < 4% THD.
Power factor range
0.2-1.0.
Efficiency
91-95%.
Auto start adjustment
1-40 watt.
LED status indicator
Battery status, over temp, over load and output
status.
GENERAL
AC output connection
Terminal block on din-rail or 10A GPO.
Battery leads
1.4m flexible cable with 10mm lugs.
Enclosure protection
IP20.
Dimensions
400x300x165mm
STANDARDS AND APPROVALS
Safety standards
AS3000 wiring.
C-tick
AS/NZS CISPR14, AS/NZS 1044
EMC standards
AS/NZS2064
ENVIRONMENTAL
Temperature Range
-25°C to 50°C, derate above 30°C
Humidity
95% RH, non condensing
MODEL
NUMBER
DC
INPUT
INPUT
RANGE
CONT.
RATING
5 MIN
RATING
SURGE
5 SEC
PEAK
EFF%
WEIGHT
PBSP-12V
12V 10.5-17V
1300W
2200W 4000W
91% 21.0KG
PBSP-24V
24V
21-34V
1700W
3000W 5000W
94% 19.5KG
PBSP-48V
48V
42-68V
1700W
4400W 5000W
95% 19.5KG


Similar Part No. - PBSP-48V

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBSP-48I POWERBOX-PBSP-48I Datasheet
473Kb / 1P
   2000-3800WATT DC/AC INVERTER
PBSP-48I POWERBOX-PBSP-48I Datasheet
164Kb / 1P
   2 0 0 0 - 3 8 0 0WAT T D C / A C I N V E R T E R
PBSP-48Z POWERBOX-PBSP-48Z Datasheet
473Kb / 1P
   2000-3800WATT DC/AC INVERTER
PBSP-48Z POWERBOX-PBSP-48Z Datasheet
164Kb / 1P
   2 0 0 0 - 3 8 0 0WAT T D C / A C I N V E R T E R
PBSP-48Z-3P POWERBOX-PBSP-48Z-3P Datasheet
473Kb / 1P
   2000-3800WATT DC/AC INVERTER
More results

Similar Description - PBSP-48V

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
AEL28V90VAC1 ANALOGTECHNOLOGIES-AEL28V90VAC1 Datasheet
321Kb / 5P
   DC-AC Inverter
6/13/2017
logo
Bel Fuse Inc.
700INV60-120-240-9G BEL-700INV60-120-240-9G Datasheet
1Mb / 9P
   DC/AC INVERTER
logo
TDK Electronics
CXA-L0612-VJL TDK-CXA-L0612-VJL Datasheet
63Kb / 2P
   DC-AC INVERTER UNIT
CXA-0535 TDK-CXA-0535 Datasheet
239Kb / 2P
   DC/AC INVERTER UNIT
CXA-0549 TDK-CXA-0549 Datasheet
229Kb / 9P
   DC/AC INVERTER UNIT
CXA-0308 TDK-CXA-0308 Datasheet
63Kb / 2P
   DC-AC INVERTER UNIT
CXA-K0612-VSL TDK-CXA-K0612-VSL Datasheet
36Kb / 2P
   DC-AC INVERTER UNIT
CXA-L0612 TDK-CXA-L0612 Datasheet
63Kb / 2P
   DC-AC INVERTER UNIT
CXA-L0712-VJL TDK-CXA-L0712-VJL Datasheet
37Kb / 2P
   DC-AC INVERTER UNIT
CXA-0543 TDK-CXA-0543 Datasheet
114Kb / 2P
   DC/AC INVERTER UNIT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com