Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBJE45-13 Datasheet(PDF) 2 Page - Powerbox

Part # PBJE45-13
Description  45-100 WATTS DC/DC SINGLE DUAL & TRIPLE OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBJE45-13 Datasheet(HTML) 2 Page - Powerbox

  PBJE45-13 Datasheet HTML 1Page - Powerbox PBJE45-13 Datasheet HTML 2Page - Powerbox PBJE45-13 Datasheet HTML 3Page - Powerbox PBJE45-13 Datasheet HTML 4Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
408
PBJE Series
45-100
W A TTS
DC/DC
SINGLE
DUAL
&
TRIPLE
OUTPUT
Model
Output 1
Output 2
Output 3
Number
V
I
V
I
V
I
PBJE45-10
5V
9A
PBJE45-11
12V
4A
PBJE45-12
15V
3A
PBJE45-13
24V
2A
PBJE45-20
5V
4A
12V
2A
PBJE45-21
12V
2A
12V
1.5-2A
PBJE45-22*
5V
4A
15V
1.2A
PBJE45-23
15V
1.5A
15V
1.5A
PBJE45-24
5V
4A
24V
1A
PBJE45-25
24V
1A
24V
1A
PBJE45-30
5V
3A
12V
0.5A
5V
1A
PBJE45-31
5V
3A
15V
0.3A
15V
1A
PBJE45-32
5V
3A
12V
0.5A
12V
1A
PBJE45-33
5V
3A
24V
0.5A
12V
1A
Model
Output 1
Output 2
Output 3
Number
V
I
V
I
V
I
PBJE100-10
5V
20A
PBJE100-11
12V
8.5A
PBJE100-12
15V
7A
PBJE100-13
24V
4.3A
PBJE100-20
5V
8A
12V
5A
PBJE100-21
12V
4.2A
12V
4.2A
PBJE100-22*
5V
8A
15V
4A
PBJE100-23
15V
3.4A
15V
3.4A
PBJE100-24
5V
8A
24V
2.5A
PBJE100-25
24V
2.1A
24V
2.1A
PBJE100-30
5V
7A
12V
5A
5V
41)A
PBJE100-31
5V
6A
15V
4A
15V
0.6A
PBJE100-32
5V
7A
12V
5A
12V
0.5A
PBJE100-33
5V
7A
24V
2.5A
12V
0.5A
Model
Output 1
Output 2
Output 3
Number
V
I
V
I
V
I
PBJE60-10
5V
12A
PBJE60-11
12V
5A
PBJE60-12
15V
4A
PBJE60-13
24V
2.5A
PBJE60-20
5V
5A
12V
3A
PBJE60-21
12V
2.5A
12V
2.5A
PBJE60-22*
5V
5A
15V
2.5A
PBJE60-23
15V
2A
15V
2A
PBJE60-24
5V
5A
24V
1.5A
PBJE60-25
24V
1.4A
24V
1.4A
PBJE60-30
5V
5A
12V
2.5A
5V
0.5A
PBJE60-31
5V
4.5A
15V
2-2.5A
15V
0.5A
PBJE60-32
5V
5A
12V
2.5A
12V
0.5A
PBJE60-33
5V
5A
24V
1.3-1.5A
12V
0.5A
PIN
SINGLE
DUAL
TRIPLE
Output
Output
Output
4
+V01
+V01
+V01
6
+V01
-V01
+V01
8
SENSE+
+V02
-V01
10
SENSE-
-V02
-V01
12
-V01
NC
+V02
14
-V01
NC
-V02
16
NC
NC
+V03
18
NC
NC
-V03
20
Log inh
Log inh
Log inh
22
Power fail
Power fail
Power fail
24
NC
NC
NC
26
NC
NC
NC
28
AC Line/DC I/P (+)
AC Line/DC I/P (+)
AC Line/DC I/P (+)
30
AC Neutral/DC I/P (-) AC Neutral/DC I/P (-) AC Neutral/DC I/P (-)
32
Safety Ground
Safety Ground
Safety Ground
Selection Table - 45W
Selection Table - 100W
Selection Table - 60W
Input/Output Connections
Note
: Above current rating are maximum current ratings. Maximum current cannot be drawn from all outputs simultaneously. Average power should not exceed the
power rating of circuit.
* AC version only.


Similar Description - PBJE45-13

ManufacturerPart #DatasheetDescription
logo
Powerbox
MAE32 POWERBOX-MAE32 Datasheet
454Kb / 2P
   15 WATTS SINGLE & DUAL & TRIPLE OUTPUT DC/DC INDUSTRIAL
TR45 POWERBOX-TR45 Datasheet
593Kb / 1P
   45 WATTS SINGLE OUTPUT AC/DC GENERAL
PSE100 POWERBOX-PSE100 Datasheet
560Kb / 2P
   60 - 100 WATTS DC/DC SINGLE OUTPUT
logo
Make-Ps
3000LP MAKE-PS-3000LP Datasheet
170Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
1800 MAKE-PS-1800 Datasheet
198Kb / 4P
   Single, Dual, Triple Output DC/DC Converter
3000UR MAKE-PS-3000UR Datasheet
204Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
1600 MAKE-PS-1600 Datasheet
192Kb / 5P
   Single, Dual, Triple Output DC/DC Converter
2000 MAKE-PS-2000 Datasheet
260Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
3000WFR MAKE-PS-3000WFR Datasheet
206Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
2100 MAKE-PS-2100 Datasheet
382Kb / 6P
   Single, Dual, Triple Output DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com