Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBDD-5027R Datasheet(PDF) 1 Page - Powerbox

Part # PBDD-5027R
Description  52-132 WATTS DC/DC SINGLE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBDD-5027R Datasheet(HTML) 1 Page - Powerbox

  PBDD-5027R Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Your dependable power partner – www.powerbox.com.au
103
PBDD Series
52-132 W A TTS DC/DC SINGLE
Features
High efficiency for mobile communication.
Lifetime reliability.
Easy installation, small foot print.
Low cost.
EMC compliant.
Ideal for high vibration/impact services.
Specifications
INPUT
Input voltage
15-38Vdc.
OUTPUT
Output voltage
13.2Vdc
Voltage adjustment
N/A
Output current
See table
Output noise
CISPR25, <50mV p-p at full load.
No load current
<15mA.
Output & fault indications
Green & red LEDs.
Reverse input protection
Yes.
Transients protection
Yes.
Overcurrent protection
Yes.
Overvoltage protection
Yes.
Transient protection
ISO7637-2
Electrostatic protection
ISO10605/14982. >8kV contact and 15kV
discharge
Duty cycle
Peak load is available for a maximum of 5 minutes
in each 20 minutes.
OPERATING
Efficiency
>90%
ENVIRONMENTAL
Operating temperature
-25°C to 30°C.
Above 30°C ambient, reduce continuous load by
2% per °C.
Cooling
Convection cooled.
Humidity
90% non condensing.
Environmental protection
IP53 dust, water and impact resistance.
STANDARDS AND APPROVALS
EMC testing
AS/NZS2064, EN50081-2.
Compliance marking
C-tick, CE mark.
MECHANICALS
Case material
T6063 marine grade aluminium, anodised.
Colour
Blue.
End caps and brackets
Glass filled nylon 6.
Electrical construction
Surface mount technology.
Electrical connection
Recessed 6.3mm spade terminals. Insulated push
on connectors supplied.
Installation
Mounting bracket - supplied with screws
Dimensions
70x75x32mm (PBDD5026J).
80x75x32mm (PBDD5024M).
90x75x32mm (PBDD5027R).
Weight with bracket
159g (PBDD5026J), 198g (PBDD5026JM).
198g (PBDD5024M), 237g (PBDD5024JM).
212g (PBDD5027R), 251g (PBDD5027M).
MODEL
NUMBER
OUTPUT
Accessory
Output
(13.2V,100mA)
VNOM
INOM
IPEAK
PBDD-5026J
13.2V
4.0A
7A
YES-PBDD-5026JM
PBDD-5024M
13.2V
7.0A
10A
YES-PBDD-5024MM
PBDD-5027R
13.2V
10.0A
14A
YES-PBDD-5027RM


Similar Part No. - PBDD-5027R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PBD10000 ETC2-PBD10000 Datasheet
553Kb / 4P
   MODEL LDD - LARGE DIGIT DISPLAY
PBD10100 ETC2-PBD10100 Datasheet
553Kb / 4P
   MODEL LDD - LARGE DIGIT DISPLAY
PBD10102 ETC2-PBD10102 Datasheet
553Kb / 4P
   MODEL LDD - LARGE DIGIT DISPLAY
logo
Schurter Inc.
PBD1211 SCHURTER-PBD1211 Datasheet
268Kb / 2P
   PBD 1211 Test Jack, PCB Mounting, 횠 2 mm, 6.3 A, flux-proof
logo
List of Unclassifed Man...
PBD13100 ETC2-PBD13100 Datasheet
553Kb / 4P
   MODEL LDD - LARGE DIGIT DISPLAY
More results

Similar Description - PBDD-5027R

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
   132 Watts / 48 Watts DC-DC Converter
logo
Wall Industries,Inc.
DCHB150 WALL-DCHB150_18 Datasheet
619Kb / 7P
   132~196 Watts DC/DC Power Converters Single Output
DCQAW150 WALL-DCQAW150 Datasheet
704Kb / 7P
   Up to 132 Watts Quarter-Brick DC/DC Converters
logo
NXP Semiconductors
PCF8881 PHILIPS-PCF8881 Datasheet
73Kb / 11P
   132 x 132 RGB single chip TFT driver with DC-to-DC converter
2004 Aug 10
logo
Power-One
24Q1001-2R POWER-ONE-24Q1001-2R Datasheet
139Kb / 4P
   60...132 Watt DC-DC Converters
logo
Powerbox
PM250 POWERBOX-PM250 Datasheet
473Kb / 2P
   187 - 250 WATTS DC/DC SINGLE
S600 POWERBOX-S600 Datasheet
418Kb / 1P
   350 WATTS DC/DC SINGLE OUTPUT
PM150 POWERBOX-PM150 Datasheet
911Kb / 2P
   120 - 240 WATTS DC/DC SINGLE
PU600 POWERBOX-PU600 Datasheet
861Kb / 2P
   480 - 1000 WATTS DC/DC SINGLE
PBI2H-1205F POWERBOX-PBI2H-1205F Datasheet
1,008Kb / 2P
   15-25 WATTS DC/DC SINGLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com