Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LHIR13743-T50 Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LHIR13743-T50
Description  INFRARED EMITTING DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHIR13743-T50 Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LHIR13743-T50 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHIR13743-T50 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHIR13743-T50 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHIR13743-T50 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHIR13743-T50 Datasheet HTML 5Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
0.5
TYP
25.0MIN
The
series are super-high efficiency Gallium Aluminum Arsenide infrared
emitting diodes encapsulated in water clear plastic T-1 3/4 package individually
LHIR13743-T50
Descriptions:
Features:
3. Low average degradation.
2. Suitable for pulse applications.
1. High radiant intensity.
Device Selection Guide:
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
MATERIAL
AlGaAs
LHIR13743-T50
PART NO
Water Clear
LENS COLOR
1.0MIN
2.54TYP
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
LHIR13743-T50
Package Dimensions
PART NO.
8.6
7.6
5.9
5.0
1.5MAX
1/4
Page


Similar Part No. - LHIR13743-T50

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHIR13743-T50-PF LIGITEK-LHIR13743-T50-PF Datasheet
157Kb / 8P
   INFRARED EMITTING DIODES
LHIR13743-T50-TBF-X LIGITEK-LHIR13743-T50-TBF-X Datasheet
154Kb / 9P
   INFRARED EMITTING DIODES
More results

Similar Description - LHIR13743-T50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OHE940CA ETC-OHE940CA Datasheet
157Kb / 2P
   INFRARED EMITTING DIODES
logo
LIGITEK electronics co....
LVIR2043-PF LIGITEK-LVIR2043-PF Datasheet
137Kb / 8P
   INFRARED EMITTING DIODES
LVIR3333-S137-PF LIGITEK-LVIR3333-S137-PF Datasheet
168Kb / 8P
   INFRARED EMITTING DIODES
LHIR2342-PF LIGITEK-LHIR2342-PF Datasheet
110Kb / 6P
   INFRARED EMITTING DIODES
LHIR3331-PF LIGITEK-LHIR3331-PF Datasheet
141Kb / 8P
   INFRARED EMITTING DIODES
LHIR3333-S46-PF LIGITEK-LHIR3333-S46-PF Datasheet
263Kb / 8P
   INFRARED EMITTING DIODES
LHIR9653-30C LIGITEK-LHIR9653-30C Datasheet
112Kb / 6P
   INFRARED EMITTING DIODES
LHIR9653-50B-L37 LIGITEK-LHIR9653-50B-L37 Datasheet
112Kb / 6P
   INFRARED EMITTING DIODES
LSIR3331-PF LIGITEK-LSIR3331-PF Datasheet
141Kb / 8P
   INFRARED EMITTING DIODES
LSIR3333-TRS LIGITEK-LSIR3333-TRS Datasheet
153Kb / 9P
   INFRARED EMITTING DIODES
logo
List of Unclassifed Man...
BIR-BL0331 ETC1-BIR-BL0331 Datasheet
633Kb / 2P
   INFRARED EMITTING DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com