Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDBF14001A24 Datasheet(PDF) 3 Page - Shoulder Electronics Limited.

Part # HDBF14001A24
Description  SAW FILTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDBF14001A24 Datasheet(HTML) 3 Page - Shoulder Electronics Limited.

  HDBF14001A24 Datasheet HTML 1Page - Shoulder Electronics Limited. HDBF14001A24 Datasheet HTML 2Page - Shoulder Electronics Limited. HDBF14001A24 Datasheet HTML 3Page - Shoulder Electronics Limited. HDBF14001A24 Datasheet HTML 4Page - Shoulder Electronics Limited. HDBF14001A24 Datasheet HTML 5Page - Shoulder Electronics Limited. HDBF14001A24 Datasheet HTML 6Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SAW FILTER
HDBF14001A24
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 3 of 6
1. SCOPE
This specification shall cover the characteristics of SAW filter BF14001A24
2. ELECTRICAL SPECIFICATION
DC Voltage VDC
10V
AC Voltage Vpp
10V50Hz/60Hz
Operation temperature
-10℃ to +60℃
Storage temperature
-40℃ to +85℃
RF Power Dissipation
0dBm
Electronic Characteristics
Fo =140.0 MHz
Terminating source impedance: 50 ohm and matching network
Terminating load impedance: 50 ohm and matching network
Minimum Typical
Maximum
Center Frequency
MHz
-
140.0
-
Insertion Loss
dB
-
21.0
25.5
1dB Bandwidth
3dB Bandwidth
40dB Bandwidth
MHz
MHz
MHz
-
1.3
-
1.26
1.45
2.15
-
-
2.3
Amplitude Ripple (Fo +/- 0.55 MHz)
Group Delay Variation (Fo +/- 0.55 MHz)
dB
nsec
-
-
0.5
200
1.0
300
Absolute Delay
usec
-
3.72
-
Ultimate Rejection
dB
50
55
Temperature Coefficient of Frequency
ppm/℃
-0.03


Similar Part No. - HDBF14001A24

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDBF14000A61 SHOULDER-HDBF14000A61 Datasheet
106Kb / 6P
   SAW FILTER
HDBF14000B24 SHOULDER-HDBF14000B24 Datasheet
121Kb / 6P
   This specification shall cover the characteristics of SAW filter BF14000B24
HDBF14000D64 SHOULDER-HDBF14000D64 Datasheet
120Kb / 6P
   This specification shall cover the characteristics of SAW filter with HDBF14000D64 used for the page system.
HDBF14000D64SP01 SHOULDER-HDBF14000D64SP01 Datasheet
120Kb / 6P
   This specification shall cover the characteristics of SAW filter with HDBF14000D64 used for the page system.
HDBF14004E63 SHOULDER-HDBF14004E63 Datasheet
129Kb / 7P
   This specification shall cover the characteristics of SAW filter BF14004E63
More results

Similar Description - HDBF14001A24

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
   SAW Components SAW filter
B39272B4329P810 TDK-B39272B4329P810 Datasheet
94Kb / 8P
   SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
   SAW Components SAW filter
B39311B3739H110 TDK-B39311B3739H110 Datasheet
114Kb / 11P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com