Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LHG2093 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part No. LHG2093
Description  DUAL COLOR LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LIGITEK [LIGITEK electronics co., ltd.]
Homepage  http://www.ligitek.com
Logo 

LHG2093 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Soldering Temperature
Storage Temperature
PART NO.
Operating Temperature
Reverse Current @5V
Peak Forward Current
Duty 1/10@10KHz
Power Dissipation
Forward Current
Parameter
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
LHG2093
Water Clear
GaP
Green
Red
565
30
697
90
30
30
1.7
2.6
45
20
1.7
2.6
4.5
1.8
Typical Electrical & Optical Characteristics (Ta=25
)
PART NO
Spectral
halfwidth
△λnm
Lens
MATERIAL
COLOR
Emitted
Peak
wave
length
λPnm
Viewing
angle
2
θ 1/2
(deg)
Luminous
intensity
@10mA(mcd)
Forward
voltage
@20mA(V)
Min.
Min. Max.
Typ.
Max 260
for 5 sec Max
(2mm from body)
-40 ~ +100
Tsol
Tstg
2/5
Page
Absolute Maximum Ratings at Ta=25
10
-40 ~ +85
Ir
Topr
PD
40
IFP
60
μA
100
mW
120
mA
Ratings
Symbol
H
IF
15
G
30
mA
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
GaP
LHG2093


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn