Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LHE4843-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LHE4843-PF
Description  SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHE4843-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LHE4843-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHE4843-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHE4843-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHE4843-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHE4843-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHE4843-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Absolute Maximum Ratings at Ta=25
IFP
PD
IF
Tstg
Topr
ESD
Symbol
Typical Electrical & Optical Characteristics (Ta=25
)
Power Dissipation
Reverse Current @5V
Electrostatic Discharge( * )
Storage Temperature
Operating Temperature
Parameter
Peak Forward Current
Duty 1/10@10KHz
Forward Current
75
-40 ~ +100
-40 ~ +85
Ir
2000
10
Ratings
HE
60
30
mW
V
μA
mA
mA
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page
120
Viewing
angle
2
θ1/2
(deg)
Min.
50
Min.
Forward
voltage
@
mA(V)
Max.
Dominant
wave
length
λDnm
620
Spectral
halfwidth
△λnm
17
Typ.
Luminous
intensity
@20mA(mcd)
90
Emitted
PART NO
MATERIAL
Lens
COLOR
AlGaInP
LHE4843-PF
Orange
20
1.7
Water Clear
2.6
2/5
*
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
PART NO. LHE4843-PF


Similar Part No. - LHE4843-PF

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LHE40-20B03 MORNSUN-LHE40-20B03 Datasheet
1Mb / 6P
   40W, AC/DC converter
LHE40-20B05 MORNSUN-LHE40-20B05 Datasheet
1Mb / 6P
   40W, AC/DC converter
LHE40-20B12 MORNSUN-LHE40-20B12 Datasheet
1Mb / 6P
   40W, AC/DC converter
LHE40-20B15 MORNSUN-LHE40-20B15 Datasheet
1Mb / 6P
   40W, AC/DC converter
LHE40-20B24 MORNSUN-LHE40-20B24 Datasheet
1Mb / 6P
   40W, AC/DC converter
More results

Similar Description - LHE4843-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LURF4733-PF LIGITEK-LURF4733-PF Datasheet
111Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LVG4733-PF LIGITEK-LVG4733-PF Datasheet
112Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LSR4630-T-PF LIGITEK-LSR4630-T-PF Datasheet
116Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LSR4733-PF LIGITEK-LSR4733-PF Datasheet
80Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LSR14140-PF LIGITEK-LSR14140-PF Datasheet
112Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LUR4733H-PF LIGITEK-LUR4733H-PF Datasheet
116Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LVY4731-PF LIGITEK-LVY4731-PF Datasheet
172Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
L9UG4843-PF LIGITEK-L9UG4843-PF Datasheet
111Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LVY4733-PF LIGITEK-LVY4733-PF Datasheet
76Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LVY14140-PF LIGITEK-LVY14140-PF Datasheet
108Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LHRF4333-PF LIGITEK-LHRF4333-PF Datasheet
110Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com