Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OBP02013 Datasheet(PDF) 3 Page - Powerbox

Part # OBP02013
Description  200-300 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

OBP02013 Datasheet(HTML) 3 Page - Powerbox

  OBP02013 Datasheet HTML 1Page - Powerbox OBP02013 Datasheet HTML 2Page - Powerbox OBP02013 Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
349
Your dependable power partner – www.powerbox.com.au
Medline 300 Series
200-300 W A TTS SINGLE & MUL TIPLE OUTPUT AC/DC MEDICAL
Technical Illustration
SINGLE
MULTIPLE
P1(AC)
P2
P3
P5
P6
P7
MODEL/PIN
1
2
3
1
2
3
4
OBP02403
OBP02407
OBP02413
OBP02419
OBP02427
OBP02433
OBP02439
OBP02404
OBP02410
OBP02418
OBP02424
OBP02430
OBP02436
OBP02442
Live
Neutral
Ground
OUTPUT
#1
OUTPUT
#1 RET
OUTPUT
#2
OUTPUT
#2 RET
OUTPUT
#3
OUTPUT
#3 RET
OUTPUT
#4
OUTPUT
#4 RET
CONNECTOR P4
MODEL/PIN
1
2
3
4
5
6
7
8
9
10
OBP02403
OBP02407
OBP02413
OBP02419
OBP02427
OBP02433
OBP02439
OBP02404
OBP02410
OBP02418
OBP02424
OBP02430
OBP02436
OBP02442
SIGNAL
GROUND
+S
(Vo1)
-S
(Vo1)
PFD
INHIBIT
N.C.
N.C.
N.C.
OV
(FAN)
12V
(FAN)
Pin Connection ctnd
Note:
1. Dimensions shown in inches (mm)
2. Tolerance 0.02 (0.5) maximum
Input connector P1 is DT-35-B01W-03 screws are M3, Nickel plated
3. Connector P4 mates with Molex housing 50-37-5103 and pins 5263
4. Connectors P2, P3, P5 and P6: M3*0.5 screw connections
5. 12V (P4) is for DC fan rated 12V/0.1A
6. Weight 1.20 Kgs approx
Note:
1. Dimensions shown in inches (mm)
2. Tolerance 0.02 (0.5) maximum
3. Input connector P1 Dinkle is DT-35-B01W-03 screws are M3, Nickel plated
4. Connector P4 mates with Molex housing 50-37-5103 and pins 5263
5. Connectors P2, P3, P5 and P6: M3*0.5 screw connections
6. Output connector P7 mates Molex housing 09-50-3041 and Molex 2878 series
crimp terminal
7. 12V (P4) is for DC fan rated 12V/0.1A
8. Weight 1.20 Kgs approx


Similar Part No. - OBP02013

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
OBP120-R100-2EP-IO-L PF-OBP120-R100-2EP-IO-L Datasheet
489Kb / 4P
   Laser trigger marks sensor
OBP120-R100-2EP-IO-V31-L PF-OBP120-R100-2EP-IO-V31-L Datasheet
1Mb / 7P
   Trigger marks sensor
OBP120-R100-EP-IO-V3-L PF-OBP120-R100-EP-IO-V3-L Datasheet
528Kb / 4P
   Laser trigger marks sensor
More results

Similar Description - OBP02013

ManufacturerPart #DatasheetDescription
logo
Powerbox
PM200 POWERBOX-PM200 Datasheet
828Kb / 2P
   200 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
OBN01016 POWERBOX-OBN01016 Datasheet
1Mb / 2P
   150-200 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM40AL POWERBOX-PM40AL Datasheet
566Kb / 2P
   40 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM41 POWERBOX-PM41 Datasheet
661Kb / 2P
   30 -40 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM65 POWERBOX-PM65 Datasheet
591Kb / 2P
   50 - 65 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM110 POWERBOX-PM110 Datasheet
793Kb / 2P
   72 - 110 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM650 POWERBOX-PM650 Datasheet
444Kb / 3P
   650 - 700 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM450 POWERBOX-PM450 Datasheet
439Kb / 3P
   450 - 480 watts single & multiple output ac/dc medical
PMP55 POWERBOX-PMP55 Datasheet
491Kb / 2P
   40 - 55 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM25-10A POWERBOX-PM25-10A Datasheet
750Kb / 2P
   25-28 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com