Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC90A45P Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TC90A45P
Description  NTSC 2-LINE DIGITAL Y/C SEPARATION IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC90A45P Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC90A45P Datasheet HTML 3Page - Toshiba Semiconductor TC90A45P Datasheet HTML 4Page - Toshiba Semiconductor TC90A45P Datasheet HTML 5Page - Toshiba Semiconductor TC90A45P Datasheet HTML 6Page - Toshiba Semiconductor TC90A45P Datasheet HTML 7Page - Toshiba Semiconductor TC90A45P Datasheet HTML 8Page - Toshiba Semiconductor TC90A45P Datasheet HTML 9Page - Toshiba Semiconductor TC90A45P Datasheet HTML 10Page - Toshiba Semiconductor TC90A45P Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TC90A44P,45P/F
2001-01-16 8/11
(2)C output (Ta = 25°C, VDD = 5 V, input clock : 3.579545MHz 0.4 Vp-p, S1 = 2)
CHARACTERISTICS
SYMBOL
TEST
CIR-
CUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Gain
CV
1
S2 = 1, S3 = 1, S4 = 1
VIN = 0.75 Vp-p
5.7
6.2
6.7
dB
TC90A44P
−2.5
−1.9
−1.5
BPF
Characteristics
TC90A45P / F
BWCW
1
S2 = 2, S3 = 1, S4 = 2
VIN = 0.75 Vp-p,
Vdc = 2.5 V
(fsc - 503496 Hz) − (fsc)
−1.5
−1.3
−1.0
dB
TC90A44P
−38
−35
Comb
Characteristics
TC90A45P / F
COMBC
1
S2 = 1, S3 = 1, S4 = 2
VIN = 0.75 Vp-p,
Vdc = 2.5 V
−46
−40
dB
Differential Gain
DG
0
2
5
%
Differential Phase
DP
1
S2 = 1, S3 = 1, S4 = 1
Modulated lamp signal
140 IRE : 0.75 V
0
2
5
°
Output Impedance
Zo
1
S2 = 2, S4 = 2
VIN = 15.73426 kHz,
0.75 Vp-p, Vdc = 2.5 V
400
V2
V2
V1
Zo
´
-
=
V1 : S3 = 1, V2 : S3 = 2
250
400
700
(3)PLL circuit characteristics
CHARACTERISTICS
SYMBOL
TEST
CIR-
CUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Pull-In Frequency Range
fck
1
3.5
3.6
3.7
MHz
Input Amplitude
(fsc Components)
Vck
1
0.35
0.5
Vp-p


Similar Part No. - TC90A45P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC90A45P TOSHIBA-TC90A45P Datasheet
245Kb / 11P
   NTSC 2-LINE DIGITAL Y / C SEPARATION IC
More results

Similar Description - TC90A45P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC90A44P TOSHIBA-TC90A44P Datasheet
245Kb / 11P
   NTSC 2-LINE DIGITAL Y / C SEPARATION IC
TC90A13N TOSHIBA-TC90A13N Datasheet
542Kb / 14P
   3 LINE DIGITAL Y/C SEPARATION IC
TC90A53N TOSHIBA-TC90A53N Datasheet
305Kb / 17P
   3-LINE DIGITAL Y / C SEPARATOR IC
logo
Sony Corporation
CXA1213AS SONY-CXA1213AS Datasheet
699Kb / 26P
   Y/C/JUNGLE IC FOR PAL/NTSC
logo
Panasonic Semiconductor
MN82832 PANASONIC-MN82832 Datasheet
83Kb / 4P
   3-Dimension Y/C Separation LSI
logo
Toshiba Semiconductor
TC9090AN TOSHIBA-TC9090AN Datasheet
787Kb / 23P
   Multicolor system Version 3-Line digital YC Separation ic
logo
Sony Corporation
CXA1871S SONY-CXA1871S Datasheet
639Kb / 46P
   NTSC/PAL Y/C/Jungle
logo
Toshiba Semiconductor
TC90A49P TOSHIBA-TC90A49P Datasheet
337Kb / 17P
   3LINE DIGITAL Y / C SEPARATOR IC (MULTICOLOR TYPE)
logo
NEC
UPD64084 NEC-UPD64084 Datasheet
419Kb / 66P
   THREE-DIMENSIONAL Y/C SEPARATION LSI WITH ON-CHIP MEMORY
logo
Sony Corporation
CXA2061S SONY-CXA2061S Datasheet
435Kb / 44P
   Y/C/RGB/D for NTSC Color TVs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com