Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LH2041 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part No. LH2041
Description  ROUND TYPE LED LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LIGITEK [LIGITEK electronics co., ltd.]
Homepage  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LH2041 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LH2041 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LH2041 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LH2041 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LH2041 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LH2041 Datasheet HTML 5Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
-40 ~ +100
Tstg
Storage Temperature
Forward
voltage
@20mA(V)
Luminous
intensity
@10mA(mcd)
Spectral
halfwidth
△λ
nm
Viewing
angle
2θ 1/2
(deg)
MATERIAL
Peak
wave
length
λPnm
PART NO
Note : 1.The forward voltage data did not including ±0.1V testing tolerance.
2. The luminous intensity data did not including ±15% testing tolerance.
GaP
LH2041
8.0
Typ.
697
Red
Red Transparent
4.5
2.6
1.7
90
Emitted
Lens
Min. Max. Min.
30
Soldering Temperature
Typical Electrical & Optical Characteristics (Ta=25 )
COLOR
Tsol
Max 260for 5 sec Max
(2mm from body)
Page 2/4
PART NO.
Reverse Current @5V
Operating Temperature
Peak Forward Current
Duty 1/10@10KHz
Absolute Maximum Ratings at Ta=25
Forward Current
Power Dissipation
Parameter
15
mA
IF
Topr
Ir
-40 ~ +85
10
PD
IFP
40
60
μA
mA
mW
Symbol
H
Ratings
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
LH2041


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn