Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGXRGB-501H Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LGXRGB-501H
Description  RGB Power Light LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LGXRGB-501H Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LGXRGB-501H Datasheet HTML 1Page - LIGITEK electronics co., ltd. LGXRGB-501H Datasheet HTML 2Page - LIGITEK electronics co., ltd. LGXRGB-501H Datasheet HTML 3Page - LIGITEK electronics co., ltd. LGXRGB-501H Datasheet HTML 4Page - LIGITEK electronics co., ltd. LGXRGB-501H Datasheet HTML 5Page - LIGITEK electronics co., ltd. LGXRGB-501H Datasheet HTML 6Page - LIGITEK electronics co., ltd. LGXRGB-501H Datasheet HTML 7Page - LIGITEK electronics co., ltd. LGXRGB-501H Datasheet HTML 8Page - LIGITEK electronics co., ltd. LGXRGB-501H Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
4/9
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
. Forward Voltage Characteristics at 350mA
(Ratings At 25
Ambient)
Vf
2.0
Min.
Note : Forward Voltage is measured with an accuracy of±0.1V
LGXRGB-501H
Green
PART NO
Emission
Color
V
3.2
2.5
Max.
Typ.
Units
. Dominant Wavelength Characteristics at 350mA
(Ratings At 25℃ Ambient )
. Temperature Coefficient Of Forward Voltage&Thermal
Resistance Junction To Board Characteristics at 350mA
(Ratings At 25℃ Ambient )
-2
°C/W
mV/° C
18
Units
Rth,j-B
Typ.
Units
Typ.
Lambertian
. View Angle Characteristics at 350mA
(Ratings At 25
Ambient )
Units
Degrees
3.0
3.6
4.0
3.0
3.6
4.0
Red
Blue
Min.
Typ.
Max.
465
Blue
LGXRGB-501H
Green
520
619
Red
470
nm
525
629
----
Emission
Color
PART NO
Units
λD
----
----
Blue
LGXRGB-501H
Green
Red
Emission
Color
PART NO
VF/ T
Green
LGXRGB-501H
Blue
Red
Emission
Color
PART NO
120


Similar Part No. - LGXRGB-501H

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGXRGB-501E LIGITEK-LGXRGB-501E Datasheet
127Kb / 10P
   RGB Power Light LED
LGXRGB-501E-SI LIGITEK-LGXRGB-501E-SI Datasheet
250Kb / 10P
   RGB Power Light LED
More results

Similar Description - LGXRGB-501H

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGXRGB-501E LIGITEK-LGXRGB-501E Datasheet
127Kb / 10P
   RGB Power Light LED
LGXRGB-501E-SI LIGITEK-LGXRGB-501E-SI Datasheet
250Kb / 10P
   RGB Power Light LED
logo
Bright View Electronic ...
BVM-SFRGB5C01 BVLED-BVM-SFRGB5C01 Datasheet
138Kb / 5P
   RGB LED STRIP LIGHT
logo
Dialight Corporation
LK3-RGB DIALIGHT-LK3-RGB Datasheet
209Kb / 2P
   LINKLED RGB LED LIGHT ENGINES
LK3-C1-RGB DIALIGHT-LK3-C1-RGB Datasheet
180Kb / 2P
   LK3 RGB LED Light Engines
HL16-RGB DIALIGHT-HL16-RGB Datasheet
483Kb / 2P
   HL16 RGB LED LIGHT ENGINE
logo
AVAGO TECHNOLOGIES LIMI...
ADJD-MJ50 AVAGO-ADJD-MJ50 Datasheet
424Kb / 8P
   High Performance RGB LED Light Source
logo
Dialight Corporation
LKOP3-C1-RGB-SD DIALIGHT-LKOP3-C1-RGB-SD Datasheet
185Kb / 2P
   LK3 RGB LED Light Engines with optics
logo
Bright View Electronic ...
BVM-S405RGB2S BVLED-BVM-S405RGB2S Datasheet
305Kb / 5P
   RGB STRIP LIGHT
BVM-SFRGBC05 BVLED-BVM-SFRGBC05 Datasheet
163Kb / 5P
   RGB FLEXSTRIP LIGHT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com