Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGXRGB-501E Datasheet(PDF) 10 Page - LIGITEK electronics co., ltd.

Part # LGXRGB-501E
Description  RGB Power Light LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LGXRGB-501E Datasheet(HTML) 10 Page - LIGITEK electronics co., ltd.

Back Button LGXRGB-501E Datasheet HTML 2Page - LIGITEK electronics co., ltd. LGXRGB-501E Datasheet HTML 3Page - LIGITEK electronics co., ltd. LGXRGB-501E Datasheet HTML 4Page - LIGITEK electronics co., ltd. LGXRGB-501E Datasheet HTML 5Page - LIGITEK electronics co., ltd. LGXRGB-501E Datasheet HTML 6Page - LIGITEK electronics co., ltd. LGXRGB-501E Datasheet HTML 7Page - LIGITEK electronics co., ltd. LGXRGB-501E Datasheet HTML 8Page - LIGITEK electronics co., ltd. LGXRGB-501E Datasheet HTML 9Page - LIGITEK electronics co., ltd. LGXRGB-501E Datasheet HTML 10Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Page 9/9
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Reliability Test
Note :
Failure criteria:
Electrical failures
VF shife >= 10%
IR < 50uA@Vr = 5v
Ligitek output Degradation
%Iv shift >= 30%@1000hrs or 200cycle
Visual failures
Broken or damaged pockage or lead
Dimension out of tolerance
-40° C
10-2000-10Hz, 20G
1 min, 1.5mm, 3timesx/axis
6G RMS from 10 to 2KHz,
10mins/axis
On concrete from 1.2m, 3xtimes
1500G,0.5msec pulse,
5 shocks each 6 axis
260±5° C, 5secs
RV
Variable Vibration Frequency
VVF
Natural Drop
ND
Random Vibration
Mechanical Shock
MS
Solder Heat Resistance
SHR
Low Temperature Storage Life
LTOL
1000 hours
85° C/85%RH
-40/+110°C,
20min dwell,<20min trans.
-40/+110°C,
30min dwell,<5min trans.
25°C, Max. IF
Stress Condition
120° C
Temperature Cycling
TC
Thermal Shock
TS
High Temperature Storage Life
HTSL
Wet High Temperature
WHT
Room Temperature Operation Life
RTOL
Description
Item
200 cycles
200 cycles
1000 hours
1000 hours
1000 hours
Test Duration


Similar Part No. - LGXRGB-501E

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGXRGB-501E-SI LIGITEK-LGXRGB-501E-SI Datasheet
250Kb / 10P
   RGB Power Light LED
More results

Similar Description - LGXRGB-501E

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGXRGB-501H LIGITEK-LGXRGB-501H Datasheet
168Kb / 10P
   RGB Power Light LED
LGXRGB-501E-SI LIGITEK-LGXRGB-501E-SI Datasheet
250Kb / 10P
   RGB Power Light LED
logo
Bright View Electronic ...
BVM-SFRGB5C01 BVLED-BVM-SFRGB5C01 Datasheet
138Kb / 5P
   RGB LED STRIP LIGHT
logo
Dialight Corporation
LK3-RGB DIALIGHT-LK3-RGB Datasheet
209Kb / 2P
   LINKLED RGB LED LIGHT ENGINES
LK3-C1-RGB DIALIGHT-LK3-C1-RGB Datasheet
180Kb / 2P
   LK3 RGB LED Light Engines
HL16-RGB DIALIGHT-HL16-RGB Datasheet
483Kb / 2P
   HL16 RGB LED LIGHT ENGINE
logo
AVAGO TECHNOLOGIES LIMI...
ADJD-MJ50 AVAGO-ADJD-MJ50 Datasheet
424Kb / 8P
   High Performance RGB LED Light Source
logo
Dialight Corporation
LKOP3-C1-RGB-SD DIALIGHT-LKOP3-C1-RGB-SD Datasheet
185Kb / 2P
   LK3 RGB LED Light Engines with optics
logo
Bright View Electronic ...
BVM-S405RGB2S BVLED-BVM-S405RGB2S Datasheet
305Kb / 5P
   RGB STRIP LIGHT
BVM-SFRGBC05 BVLED-BVM-SFRGBC05 Datasheet
163Kb / 5P
   RGB FLEXSTRIP LIGHT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com