Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGLV-311E1 Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LGLV-311E1
Description  1W Power Light LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LGLV-311E1 Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LGLV-311E1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LGLV-311E1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LGLV-311E1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LGLV-311E1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LGLV-311E1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LGLV-311E1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LGLV-311E1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LGLV-311E1 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LGLV-311E1 Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Group
4/12
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Luminous flux(lm)
Min
Max
F23-2
F24
60
67.2
67.2
87.4
Brightness Code For High Power LED
Note : Flux is measured with an accuracy of ±10
0.44
MM
QP
0.34
0.42
0.38
0.40
0.36
RP
0.48
0.46
0.44
0.50
QM
PO
QN
QO
0.38
PP
RO
0.40
RN
0.42
RM
MO
MP
NP
NO
MN
PN
NN
PM
NM
0.46
0.48
White Binning Structure Graphical Representation
2670K
2850K
3050K
3250K
3500K
3800K


Similar Part No. - LGLV-311E1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGLV-311E LIGITEK-LGLV-311E Datasheet
200Kb / 13P
   1W Power Light LED
More results

Similar Description - LGLV-311E1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGLG-311E LIGITEK-LGLG-311E Datasheet
183Kb / 12P
   1W Power Light LED
LGFLW-311E1-1-60-B02 LIGITEK-LGFLW-311E1-1-60-B02 Datasheet
328Kb / 14P
   1W Power Light LED
LGFLY-311E LIGITEK-LGFLY-311E Datasheet
272Kb / 13P
   1W Power Light LED
LGFLN-311E LIGITEK-LGFLN-311E Datasheet
346Kb / 14P
   1W Power Light LED
LGLW-311E1 LIGITEK-LGLW-311E1 Datasheet
203Kb / 13P
   1W Power Light LED
LGSV-311E LIGITEK-LGSV-311E Datasheet
136Kb / 10P
   1W Power Light LED
LG-7020WKZ-2-P-A07 LIGITEK-LG-7020WKZ-2-P-A07 Datasheet
416Kb / 15P
   1W Power Light LED
LGFLW-311E-60 LIGITEK-LGFLW-311E-60 Datasheet
354Kb / 15P
   1W Power Light LED
LGSV-311E1-1 LIGITEK-LGSV-311E1-1 Datasheet
248Kb / 13P
   1W Power Light LED
LGSV-311H LIGITEK-LGSV-311H Datasheet
152Kb / 11P
   1W Power Light LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com