Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGLG-311E Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LGLG-311E
Description  1W Power Light LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LGLG-311E Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

Back Button LGLG-311E Datasheet HTML 2Page - LIGITEK electronics co., ltd. LGLG-311E Datasheet HTML 3Page - LIGITEK electronics co., ltd. LGLG-311E Datasheet HTML 4Page - LIGITEK electronics co., ltd. LGLG-311E Datasheet HTML 5Page - LIGITEK electronics co., ltd. LGLG-311E Datasheet HTML 6Page - LIGITEK electronics co., ltd. LGLG-311E Datasheet HTML 7Page - LIGITEK electronics co., ltd. LGLG-311E Datasheet HTML 8Page - LIGITEK electronics co., ltd. LGLG-311E Datasheet HTML 9Page - LIGITEK electronics co., ltd. LGLG-311E Datasheet HTML 10Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
5/11
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Recommended Solder Pad Design
NOTE:
1. All dimensions are in mm.
2. The drawings are not to scale.
3. Solder pad can't be connected to slug.
2
Slug independent
5.82
16.65
11.65
Solder Pad
Solder Mark


Similar Part No. - LGLG-311E

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGLG-313E LIGITEK-LGLG-313E Datasheet
186Kb / 12P
   3W Power Light LED
More results

Similar Description - LGLG-311E

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGFLW-311E1-1-60-B02 LIGITEK-LGFLW-311E1-1-60-B02 Datasheet
328Kb / 14P
   1W Power Light LED
LGFLY-311E LIGITEK-LGFLY-311E Datasheet
272Kb / 13P
   1W Power Light LED
LGFLN-311E LIGITEK-LGFLN-311E Datasheet
346Kb / 14P
   1W Power Light LED
LGLV-311E1 LIGITEK-LGLV-311E1 Datasheet
201Kb / 13P
   1W Power Light LED
LGLW-311E1 LIGITEK-LGLW-311E1 Datasheet
203Kb / 13P
   1W Power Light LED
LGSV-311E LIGITEK-LGSV-311E Datasheet
136Kb / 10P
   1W Power Light LED
LG-7020WKZ-2-P-A07 LIGITEK-LG-7020WKZ-2-P-A07 Datasheet
416Kb / 15P
   1W Power Light LED
LGFLW-311E-60 LIGITEK-LGFLW-311E-60 Datasheet
354Kb / 15P
   1W Power Light LED
LGSV-311E1-1 LIGITEK-LGSV-311E1-1 Datasheet
248Kb / 13P
   1W Power Light LED
LGSV-311H LIGITEK-LGSV-311H Datasheet
152Kb / 11P
   1W Power Light LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com