Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGLB-313E Datasheet(PDF) 7 Page - LIGITEK electronics co., ltd.

Part # LGLB-313E
Description  3W Power Light LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LGLB-313E Datasheet(HTML) 7 Page - LIGITEK electronics co., ltd.

Back Button LGLB-313E Datasheet HTML 3Page - LIGITEK electronics co., ltd. LGLB-313E Datasheet HTML 4Page - LIGITEK electronics co., ltd. LGLB-313E Datasheet HTML 5Page - LIGITEK electronics co., ltd. LGLB-313E Datasheet HTML 6Page - LIGITEK electronics co., ltd. LGLB-313E Datasheet HTML 7Page - LIGITEK electronics co., ltd. LGLB-313E Datasheet HTML 8Page - LIGITEK electronics co., ltd. LGLB-313E Datasheet HTML 9Page - LIGITEK electronics co., ltd. LGLB-313E Datasheet HTML 10Page - LIGITEK electronics co., ltd. LGLB-313E Datasheet HTML 11Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
* For prototype builds or small series production runs it possible to place and solder the emitters by hand.
* Solder tip temperature : 230° C max for Lead Solder and 260°C max for Lead-Free Solder.
* Avoiding damage to the emitter or to the MCPCB dielectric layer.
Damage to the epoxy layer can cause a short circuit in the array.
* Do not let the solder contact from solder pad to back-side of MCPCB.
This one will cause a short circuit and damage emitter.
6/11
Page
Manual Hand Soldering
Place Thermal Comductive Glue on the MCPCB.
3.
1.
MCPCB
Use Soldering Iron to solder the leads
of Emitter within 5 seconds.
Heat Plate
Heat Plate
Solder Wire
4.
Soldering Iron
Place Emitter on the MCPCB.
Thermal Conductive Glue
2.
Emitter
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only


Similar Part No. - LGLB-313E

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGLB-311E LIGITEK-LGLB-311E Datasheet
187Kb / 12P
   1W Power Light LED
LGLB-311H LIGITEK-LGLB-311H Datasheet
310Kb / 11P
   1W Power Light LED
More results

Similar Description - LGLB-313E

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGLV-313E1 LIGITEK-LGLV-313E1 Datasheet
195Kb / 13P
   3W Power Light LED
LGLW-313E LIGITEK-LGLW-313E Datasheet
197Kb / 13P
   3W Power Light LED
LGSV-313H LIGITEK-LGSV-313H Datasheet
156Kb / 11P
   3W Power Light LED
LGFLW-313E1-1 LIGITEK-LGFLW-313E1-1 Datasheet
291Kb / 14P
   3W Power Light LED
LGLG-313E LIGITEK-LGLG-313E Datasheet
186Kb / 12P
   3W Power Light LED
LGLV-313E LIGITEK-LGLV-313E Datasheet
194Kb / 13P
   3W Power Light LED
LGSW-313E LIGITEK-LGSW-313E Datasheet
143Kb / 10P
   3W Power Light LED
LGSV-313E LIGITEK-LGSV-313E Datasheet
136Kb / 10P
   3W Power Light LED
LGSW-313H LIGITEK-LGSW-313H Datasheet
164Kb / 11P
   3W Power Light LED
LGLR-313E LIGITEK-LGLR-313E Datasheet
191Kb / 12P
   3W Power Light LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com