Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8548CHXAQJ Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # MPC8548CHXAQJ
Description  PowerQUICC??III Integrated Processor Hardware Specifications
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548CHXAQJ Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button MPC8548CHXAQJ Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8548CHXAQJ Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8548CHXAQJ Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8548CHXAQJ Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8548CHXAQJ Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8548CHXAQJ Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8548CHXAQJ Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8548CHXAQJ Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8548CHXAQJ Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
Freescale Semiconductor
83
Serial RapidIO
components are included in this requirement. The reference impedance for return loss measurements is
100-
Ω resistive for differential return loss and 25-Ω resistive for common mode.
Table 62. Receiver AC Timing Specifications—1.25 GBaud
Characteristic
Symbol
Range
Unit
Notes
Min
Max
Differential input voltage
VIN
200
1600
mVp-p
Measured at receiver
Deterministic jitter tolerance
JD
0.37
UI p-p
Measured at receiver
Combined deterministic and random
jitter tolerance
JDR
0.55
UI p-p
Measured at receiver
Total jitter tolerance1
JT
0.65
UI p-p
Measured at receiver
Multiple input skew
SMI
24
ns
Skew at the receiver input between lanes
of a multilane link
Bit error rate
BER
10–12
——
Unit interval
UI
800
800
ps
±100 ppm
Note:
1. Total jitter is composed of three components, deterministic jitter, random jitter, and single frequency sinusoidal jitter. The
sinusoidal jitter may have any amplitude and frequency in the unshaded region of Figure 53. The sinusoidal jitter component
is included to ensure margin for low frequency jitter, wander, noise, crosstalk, and other variable system effects.
Table 63. Receiver AC Timing Specifications—2.5 GBaud
Characteristic
Symbol
Range
Unit
Notes
Min
Max
Differential input voltage
VIN
200
1600
mVp-p
Measured at receiver
Deterministic jitter tolerance
JD
0.37
UI p-p
Measured at receiver
Combined deterministic and random
jitter tolerance
JDR
0.55
UI p-p
Measured at receiver
Total jitter tolerance1
JT
0.65
UI p-p
Measured at receiver
Multiple input skew
SMI
24
ns
Skew at the receiver input between lanes
of a multilane link
Bit error rate
BER
10–12
Unit interval
UI
400
400
ps
±100 ppm
Note:
1. Total jitter is composed of three components, deterministic jitter, random jitter, and single frequency sinusoidal jitter. The
sinusoidal jitter may have any amplitude and frequency in the unshaded region of Figure 53. The sinusoidal jitter component
is included to ensure margin for low frequency jitter, wander, noise, crosstalk, and other variable system effects.


Similar Part No. - MPC8548CHXAQJ

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8548CVTAQGD FREESCALE-MPC8548CVTAQGD Datasheet
250Kb / 2P
   MPC8548E PowerQUICC??III Processor Family
MPC8548CVTAUJD FREESCALE-MPC8548CVTAUJD Datasheet
849Kb / 151P
   Integrated Processor Hardware Specifications
More results

Similar Description - MPC8548CHXAQJ

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8536E FREESCALE-MPC8536E Datasheet
1Mb / 128P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E_11 Datasheet
1Mb / 143P
   PowerQUICC III Integrated Processor Hardware Specifications
MPC8535E FREESCALE-MPC8535E Datasheet
1Mb / 126P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8533E FREESCALE-MPC8533E Datasheet
1Mb / 116P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8544E FREESCALE-MPC8544E Datasheet
1Mb / 120P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8536E FREESCALE-MPC8536E_11 Datasheet
1Mb / 126P
   PowerQUICC III Integrated Processor Hardware Specifications
logo
NXP Semiconductors
MPC8572EEC NXP-MPC8572EEC Datasheet
1Mb / 141P
   MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 7, 03/2016
logo
Freescale Semiconductor...
MPC8533E FREESCALE-MPC8533E_11 Datasheet
1Mb / 112P
   MPC8533E PowerQUICC III Integrated Processor Hardware Specifications
MPC8572E FREESCALE-MPC8572E_11 Datasheet
1Mb / 138P
   MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
MPC8541E FREESCALE-MPC8541E Datasheet
1Mb / 84P
   PowerQUICC??III Integrated Communications Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com