Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LG75240-PF Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LG75240-PF
Description  RECTANGLE TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG75240-PF Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

  LG75240-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LG75240-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LG75240-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LG75240-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG75240-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG75240-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Page 5/5
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Reference
Standard
MIL-STD-883:1008
JIS C 7021: B-10
JIS C 7021: B-12
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
Description
Test Condition
Test Item
Reliability Test:
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
The purpose of this is the resistance of
the device which is laid under condition
of high temperature for hours.
Low Temperature
Storage Test
High Temperature
Storage Test
1.Under Room Temperature
2.If=20mA
3.t=1000 hrs (-24hrs, +72hrs)
Operating Life Test
This test is conducted for the purpose
of detemining the resistance of a part
in electrical and themal stressed.
MIL-STD-202:103B
JIS C 7021: B-11
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
Solder Resistance
Test
Thermal Shock Test
High Temperature
High Humidity Test
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
Solderability Test
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
The purpose of this test is the resistance
of the device under tropical for hours.
This test intended to see soldering well
performed or not.
LG75240-PF
PART NO.


Similar Part No. - LG75240-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG75240-HV5-PF LIGITEK-LG75240-HV5-PF Datasheet
115Kb / 6P
   HIGH VOLTAGE LED LAMPS
LG75240-S1-PF LIGITEK-LG75240-S1-PF Datasheet
110Kb / 6P
   RECTANGLE TYPE LED LAMPS
More results

Similar Description - LG75240-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8G65540-PF LIGITEK-L8G65540-PF Datasheet
111Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8G75840 LIGITEK-L8G75840 Datasheet
112Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8Y55140-PF LIGITEK-L8Y55140-PF Datasheet
110Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8Y65540-S6-PF LIGITEK-L8Y65540-S6-PF Datasheet
111Kb / 6P
   RECTANGLE TYPE LED LAMPS
L9SE5730 LIGITEK-L9SE5730 Datasheet
125Kb / 6P
   RECTANGLE TYPE LED LAMPS
L9SE75640-PF LIGITEK-L9SE75640-PF Datasheet
110Kb / 6P
   RECTANGLE TYPE LED LAMPS
LVA45740-S29-PF LIGITEK-LVA45740-S29-PF Datasheet
145Kb / 6P
   RECTANGLE TYPE LED LAMPS
LEG27492-S27-PF LIGITEK-LEG27492-S27-PF Datasheet
127Kb / 7P
   RECTANGLE TYPE LED LAMPS
LDGL65540-S8 LIGITEK-LDGL65540-S8 Datasheet
112Kb / 6P
   RECTANGLE TYPE LED LAMPS
LG5230 LIGITEK-LG5230 Datasheet
106Kb / 6P
   RECTANGLE TYPE LED LAMPS
LG5230-PF LIGITEK-LG5230-PF Datasheet
106Kb / 6P
   RECTANGLE TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com