Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LG55141 Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LG55141
Description  RECTANGLE TYPE LED LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG55141 Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LG55141 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LG55141 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LG55141 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LG55141 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG55141 Datasheet HTML 5Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Fig.2 Relative Intensity vs. Forward Current
1000
100
10
Forward Current(mA)
1.0
5.0
4.0
3.0
2.0
Forward Voltage(V)
G CHIP
1000
10
1.0
1.0
0.1
100
Typical Electro-Optical Characteristics Curve
Fig.1 Forward current vs. Forward Voltage
3.0
2.0
1.0
1.5
2.5
Fig.4 Relative Intensity vs. Temperature
100
40
20
0
60
80
0.0
100
-40
0
20
40
60
80
Ambient Temperature(
)
-20
0.5
1.2
1.1
0.9
1.0
0.8
-40
-20
1.0
Fig.3 Forward Voltage vs. Temperature
Fig.5 Relative Intensity vs. Wavelength
Ambient Temperature(
)
Wavelength (nm)
0.5
0.0
PART NO. LG55141
Page 3/4
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
650
600
550
500


Similar Part No. - LG55141

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG55140 LIGITEK-LG55140 Datasheet
78Kb / 6P
   RECTANGLE TYPE LED LAMPS
LG55140-L18-PF LIGITEK-LG55140-L18-PF Datasheet
109Kb / 6P
   RECTANGLE TYPE LED LAMPS
LG55140-PF LIGITEK-LG55140-PF Datasheet
113Kb / 6P
   RECTANGLE TYPE LED LAMPS
LG55140-S10-PF LIGITEK-LG55140-S10-PF Datasheet
110Kb / 6P
   RECTANGLE TYPE LED LAMPS
LG55140-S20-PF LIGITEK-LG55140-S20-PF Datasheet
110Kb / 6P
   RECTANGLE TYPE LED LAMPS
More results

Similar Description - LG55141

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8G65540-PF LIGITEK-L8G65540-PF Datasheet
111Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8G75840 LIGITEK-L8G75840 Datasheet
112Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8Y55140-PF LIGITEK-L8Y55140-PF Datasheet
110Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8Y65540-S6-PF LIGITEK-L8Y65540-S6-PF Datasheet
111Kb / 6P
   RECTANGLE TYPE LED LAMPS
L9SE5730 LIGITEK-L9SE5730 Datasheet
125Kb / 6P
   RECTANGLE TYPE LED LAMPS
L9SE75640-PF LIGITEK-L9SE75640-PF Datasheet
110Kb / 6P
   RECTANGLE TYPE LED LAMPS
LVA45740-S29-PF LIGITEK-LVA45740-S29-PF Datasheet
145Kb / 6P
   RECTANGLE TYPE LED LAMPS
LEG27492-S27-PF LIGITEK-LEG27492-S27-PF Datasheet
127Kb / 7P
   RECTANGLE TYPE LED LAMPS
LDGL65540-S8 LIGITEK-LDGL65540-S8 Datasheet
112Kb / 6P
   RECTANGLE TYPE LED LAMPS
LG5230 LIGITEK-LG5230 Datasheet
106Kb / 6P
   RECTANGLE TYPE LED LAMPS
LG5230-PF LIGITEK-LG5230-PF Datasheet
106Kb / 6P
   RECTANGLE TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com