Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LG45840-S22-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LG45840-S22-PF
Description  RECTANGLE TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG45840-S22-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LG45840-S22-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LG45840-S22-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LG45840-S22-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LG45840-S22-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG45840-S22-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG45840-S22-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
-40 ~ +100
Storage Temperature
Tstg
Spectral
halfwidth
△λnm
Forward
voltage
@20mA(V)
Viewing
angle
2
θ 1/2
(deg)
Luminous
intensity
@10mA(mcd)
MATERIAL
PART NO
Peak
wave
length
λPnm
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
GaP
LG45840/S22-PF
Green
Green Diffused
Emitted
Lens
30
565
1.7
2.6
Min. Max.
144
4.5
12
Typ.
Min.
Typical Electrical & Optical Characteristics (Ta=25
)
COLOR
Page 2/5
30
Forward Current
IF
Peak Forward Current
Duty 1/10@10KHz
Power Dissipation
Reverse Current @5V
Operating Temperature
Topr
Ir
-40 ~ +85
10
PD
IFP
100
120
Parameter
Absolute Maximum Ratings at Ta=25
Symbol
G
Ratings
mA
μA
mA
mW
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO. LG45840/S22-PF


Similar Part No. - LG45840-S22-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG45840-S11-PF LIGITEK-LG45840-S11-PF Datasheet
128Kb / 6P
   RECTANGLE TYPE LED LAMPS
More results

Similar Description - LG45840-S22-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8G65540-PF LIGITEK-L8G65540-PF Datasheet
111Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8G75840 LIGITEK-L8G75840 Datasheet
112Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8Y55140-PF LIGITEK-L8Y55140-PF Datasheet
110Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8Y65540-S6-PF LIGITEK-L8Y65540-S6-PF Datasheet
111Kb / 6P
   RECTANGLE TYPE LED LAMPS
L9SE5730 LIGITEK-L9SE5730 Datasheet
125Kb / 6P
   RECTANGLE TYPE LED LAMPS
L9SE75640-PF LIGITEK-L9SE75640-PF Datasheet
110Kb / 6P
   RECTANGLE TYPE LED LAMPS
LVA45740-S29-PF LIGITEK-LVA45740-S29-PF Datasheet
145Kb / 6P
   RECTANGLE TYPE LED LAMPS
LEG27492-S27-PF LIGITEK-LEG27492-S27-PF Datasheet
127Kb / 7P
   RECTANGLE TYPE LED LAMPS
LDGL65540-S8 LIGITEK-LDGL65540-S8 Datasheet
112Kb / 6P
   RECTANGLE TYPE LED LAMPS
LG5230 LIGITEK-LG5230 Datasheet
106Kb / 6P
   RECTANGLE TYPE LED LAMPS
LG5230-PF LIGITEK-LG5230-PF Datasheet
106Kb / 6P
   RECTANGLE TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com