Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAA02033 Datasheet(PDF) 2 Page - Powerbox

Part # MAA02033
Description  1.5 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

MAA02033 Datasheet(HTML) 2 Page - Powerbox

  MAA02033 Datasheet HTML 1Page - Powerbox MAA02033 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Your dependable power partner – www.powerbox.com.au
153
POWERBOX
ARTICLE
NUMBER
INPUT
VOLTAGE
VDC
OUTPUT
VOLTAGE
VDC
OUTPUT
CURRENT
mA
INPUT CURRENT
NO LOAD
mA
INPUT CURRENT
FULL LOAD
mA
MAA 02 003
5
5
300
110
620
MAA 02 006
5
12
125
110
550
MAA 02 009
5
15
100
110
550
MAA 02 012
5
±12
±60
110
550
MAA 02 015
5
±15
±50
110
550
MAA 02 018
12
5
300
40
260
MAA 02 021
12
12
125
40
215
MAA 02 024
12
15
100
40
215
MAA 02 027
12
±12
±60
40
215
MAA 02 030
12
±15
±50
40
215
MAA 02 033
24
5
300
20
130
MAA 02 036
24
12
125
20
115
MAA 02 039
24
15
100
20
115
MAA 02 042
24
±12
±60
20
115
MAA 02 045
24
±15
±50
20
115
MAA 02 048
48
5
300
15
65
MAA 02 051
48
12
125
15
60
MAA 02 054
48
15
100
15
60
MAA 02 057
48
±12
±60
15
60
MAA 02 060
48
±15
±50
15
60
MAA 02 Series
1.5
W A TTS
SINGLE
&
DUAL
OUTPUT
DC/DC
INDUSTRIAL
PIN
SINGLE
OUTPUT
DUAL
OUTPUT
1, 24
+V Input
+V Input
2, 23
NC
-V Output
3, 22
NC
Common
10
-V Output
Common
11
+V Output
+V Output
12
-V Input
-V Input
13
-V Input
-V Input
14
+V Output
+V Output
15
-V Output
Common
PIN
SINGLE
OUTPUT
DUAL
OUTPUT
1, 2, 3
+V Input
+V Input
22, 23, 24
-V Input
-V Input
10, 11
NP
Go Output
12
-V Output
-TP
13
+V Output
-V Output
14
NP
NP
15
NP
+V Output
16
NP
+TP
17
+TP
NP
Pin Connection 500VDC
For isolation voltage 3kV add suffix -H to the article number. Ex MAA 02 003H.
NC = No connection with pin.
Pin Connection 3kVDC
Selection Table


Similar Part No. - MAA02033

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MAA05A NSC-MAA05A Datasheet
250Kb / 9P
   Enhanced Plastic 2.4V, 10uA, SC70, micro SMD Temperature Sensor
More results

Similar Description - MAA02033

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBBA-0505A POWERBOX-PBBA-0505A Datasheet
161Kb / 6P
   1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
PBB4A-C POWERBOX-PBB4A-C Datasheet
550Kb / 5P
   1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
E01 POWERBOX-E01 Datasheet
306Kb / 1P
   1.5-3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
PBB4A POWERBOX-PBB4A Datasheet
585Kb / 5P
   1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
G01CT POWERBOX-G01CT Datasheet
564Kb / 3P
   1.5-10 WATTS SINGLE OUTPUT DC/DC INDUSTRIAL
MAB03 POWERBOX-MAB03 Datasheet
709Kb / 2P
   3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAD26 POWERBOX-MAD26 Datasheet
529Kb / 2P
   10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
F01 POWERBOX-F01 Datasheet
493Kb / 2P
   10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAE25 POWERBOX-MAE25 Datasheet
508Kb / 2P
   15 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAC14 POWERBOX-MAC14 Datasheet
493Kb / 2P
   5-6 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com