Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCS40-75E Datasheet(PDF) 3 Page - Powerbox

Part # DCS40-75E
Description  1000-3000 WATTS PROGRAMMABLE DC SUPPLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

DCS40-75E Datasheet(HTML) 3 Page - Powerbox

  DCS40-75E Datasheet HTML 1Page - Powerbox DCS40-75E Datasheet HTML 2Page - Powerbox DCS40-75E Datasheet HTML 3Page - Powerbox DCS40-75E Datasheet HTML 4Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Your dependable power partner – www.powerbox.com.au
485
DCS Series
1000-3000 WATTS PROGRAMMABLE DC SUPPLY
MODEL
OUTPUT POWER
COMBINED
REGULATION
LINE AND
LOAD %
CONSTANT VOLTAGE MODE*
TEMP.
COEFF.
VOLTAGE
%/°C
(TYP)
VOLTAGE
DRIFT %
VMAX
(TYP)
PROGRAMMING CONSTANTS
VOLTAGE MODES
VOLTAGE
VDC
CURRENT
ADC @
50°C
RIPPLE
(RMS)** (TYP.)
NOISE
(P-P)
(TYP)
TRANSIENT
RESPONSE
TIME (TYP)
OHMS/V
V/V
DCS 8-125E
0-8
0-125
0.2
4mV
60mV
500 s
0.02
0.05
625
0-10V = 0-100%
Vo
or
0-5V = 0-100% Vo
DCS 10-100E
0-10
0-100
0.2
4mV
60mV
500 s
0.02
0.05
500
DCS 20-50E
0-20
0-50
0.2
4mV
60mV
500 s
0.02
0.05
250
DCS 33-33E
0-33
0-33
0.2
4mV
60mV
500 s
0.02
0.05
151.5
DCS 40-25E
0-40
0-25
0.2
4mV
60mV
500 s
0.02
0.05
125
DCS 50-20E
0-50
0-20
0.2
4mV
60mV
500 s
0.02
0.05
100
DCS 60-18E
0-60
0-18
0.2
4mV
60mV
500 s
0.02
0.05
83
DCS 80-13E
0-80
0-13
0.2
4mV
60mV
500 s
0.02
0.05
62.5
DCS 100-10E
0-100
0-10
0.2
6mV
60mV
500 s
0.02
0.05
50
DCS 150-7E
0-150
0-7
0.2
12mV
160mV
500 s
0.02
0.05
33.3
DCS 300-3.5E
0-300
0-3.5
0.2
20mV
200mV
500 s
0.02
0.05
16.67
DCS 600-1.7E
0-600
0-1.7
0.2
50mV
300mV
500 s
0.02
0.05
8.33
MODEL
CONSTANT CURRENT MODE*
TEMP.
COEFF.
VOLTAGE
%/°C
(TYP)
VOLTAGE
DRIFT % %
IO MAX
(TYP)
PROGRAMMING
CONSTANTS CURRENT
MODE
INPUT CURRENT, A
NORMAL
EFFICIENCY
% (TYP)
CASE
COMBINED
REGULATION LINE
AND LOAD %
RIPPLE
(RMS)
OHMS/A
V/A
230V
SINGLE
PHASE
208V
THREE
PHASE
DCS 8-125E
0.2
160
0.03
0.05
40
0-10V= 0-100%
Io or
0-5V= 0-100% Io
8
N/A
82
I
DCS 10-100E
0.2
128
0.03
0.05
50
8
N/A
82
I
DCS 20-50E
0.2
25
0.03
0.05
100
8
N/A
82
I
DCS 33-33E
0.2
10
0.03
0.05
151.5
8
N/A
84
I
DCS 40-25E
0.2
7
0.03
0.05
200
8
N/A
84
I
DCS 50-20E
0.2
7
0.03
0.05
250
8
N/A
84
I
DCS 60-18E
0.2
6
0.03
0.05
277.8
8
N/A
86
I
DCS 80-13E
0.2
4
0.03
0.05
384.6
8
N/A
86
I
DCS 100-10E
0.2
3
0.03
0.05
500
8
N/A
86
I
DCS 150-7E
0.2
2
0.03
0.05
714.3
8
N/A
86
I
DCS 300-3.5E
0.2
1
0.03
0.05
1428.6
8
N/A
86
I
DCS 600-1.7E
0.2
1
0.03
0.05
2941.2
9.5
N/A
86
***
* Typical resolution is 0.02% **RMS ripple from 20Hz to 300kHz ***Consult factory
Dimension: 1RU or 44mm (H) x 482mm (W) x 444mm (D) ; Weight: 8.6kg
MODEL
OUTPUT POWER
COMBINED
REGULATION
LINE AND
LOAD %
CONSTANT VOLTAGE MODE*
TEMP.
COEFF.
VOLTAGE
%/°C
(TYP)
VOLTAGE
DRIFT %
VMAX
(TYP)
PROGRAMMING CONSTANTS
VOLTAGE MODES
VOLTAGE
VDC
CURRENT
ADC @ 50°C
RIPPLE
(RMS)**
(TYP.)
NOISE
(P-P)
(TYP)
TRANSIENT
RESPONSE
TIME (TYP)
OHMS/V
V/V
DCS 8-140E
0-8
0-140
0.2
5mV
60mV
500 s
0.02
0.05
625
0-10V = 0-100% Vo
or
0-5V = 0-100% Vo
DCS 10-120E
0-10
0-120
0.2
5mV
60mV
500 s
0.02
0.05
500
DCS 20-60E
0-20
0-60
0.2
5mV
60mV
500 s
0.02
0.05
250
DCS 33-36E
0-33
0-36
0.2
5mV
60mV
500 s
0.02
0.05
151.5
DCS 40-30E
0-40
0-30
0.2
5mV
60mV
500 s
0.02
0.05
125
DCS 50-24E
0-50
0-24
0.2
5mV
60mV
500 s
0.02
0.05
100
DCS 60-20E
0-60
0-20
0.2
5mV
60mV
500 s
0.02
0.05
83
DCS 80-15E
0-80
0-15
0.2
5mV
60mV
500 s
0.02
0.05
62.5
DCS 100-12E
0-100
0-12
0.2
10mV
60mV
500 s
0.02
0.05
50
DCS 150-8E
0-150
0-8
0.2
15mV
160mV
500 s
0.02
0.05
33.3
DCS 300-4E
0-300
0-4
0.2
25mV
200mV
500 s
0.02
0.05
16.67
DSC 1kW Series
DSC 1.2kW Series


Similar Part No. - DCS40-75E

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
DCS4-10 SUPERWORLD-DCS4-10 Datasheet
109Kb / 1P
   POWER TRANSFORMER
DCS4-12 SUPERWORLD-DCS4-12 Datasheet
109Kb / 1P
   POWER TRANSFORMER
DCS4-120 SUPERWORLD-DCS4-120 Datasheet
109Kb / 1P
   POWER TRANSFORMER
DCS4-16 SUPERWORLD-DCS4-16 Datasheet
109Kb / 1P
   POWER TRANSFORMER
DCS4-16-0 SUPERWORLD-DCS4-16-0 Datasheet
109Kb / 1P
   POWER TRANSFORMER
More results

Similar Description - DCS40-75E

ManufacturerPart #DatasheetDescription
logo
Powerbox
SM3000 POWERBOX-SM3000 Datasheet
113Kb / 2P
   3000 WATTS PROGRAMMABLE DC SUPPLY
DLM5-350E POWERBOX-DLM5-350E Datasheet
133Kb / 3P
   3000-4000 WATTS PROGRAMMABLE DC SUPPLY
DLM600 POWERBOX-DLM600 Datasheet
169Kb / 3P
   600 WATTS PROGRAMMABLE DC SUPPLY
ES015-10 POWERBOX-ES015-10 Datasheet
111Kb / 2P
   150 WATTS PROGRAMMABLE DC SUPPLY
SM1500 POWERBOX-SM1500 Datasheet
119Kb / 2P
   1500 WATTS PROGRAMMABLE DC SUPPLY
SM6000 POWERBOX-SM6000 Datasheet
121Kb / 2P
   6000 WATTS PROGRAMMABLE DC SUPPLY
SM700 POWERBOX-SM700 Datasheet
150Kb / 2P
   600-700 WATTS PROGRAMMABLE DC SUPPLY
logo
XP Power Limited
HDL3000-SERIES XPPOWER-HDL3000-SERIES Datasheet
962Kb / 6P
   3000 Watts
logo
Astec America, Inc
HPS3KW ASTEC-HPS3KW Datasheet
225Kb / 3P
   3000 Watts
logo
Powerbox
PU600 POWERBOX-PU600 Datasheet
861Kb / 2P
   480 - 1000 WATTS DC/DC SINGLE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com