Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DX150 Datasheet(PDF) 1 Page - Powerbox

Part # DX150
Description  1.5 WATT SINGLE OUTPUT DC / DC INDUSTRIAL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

DX150 Datasheet(HTML) 1 Page - Powerbox

  DX150 Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Your dependable power partner – www.powerbox.com.au
213
DX Series
1.5
W A TTS
SINGLE
OUTPUT
DC/DC
INDUSTRIAL
Features
Resistance controllable
Low EMI/RFI sinewave oscillator
Small size
Short circuit protection
Low cost/high performance
Specifications
INPUT
Voltage
12VDC (–5%, +10%).
Current
<400mA full load.
OUTPUT
Power
1.5W.
Voltage
See table.
Current
See table.
Ripple
2%.
Voltage control
Connect 5K potentiometer with wiper arm to
orange wire. Connect remaining
potentiometer lead to black wire.
ENVIRONMENTAL
Operating temperature
–10°C to +50°C.
GENERAL
Dimensions
95.3 x 38.1 x 25.4 mm.
Weight
198g.
Packaging
Fully encapsulated.
Case material
Glass-filled Epoxy.
HV output lead
#22 AWG, 30KV, Silicone.
OPTIONS
24V input
Input/output connectors
Input/output isolation
Voltage monitor
Consult your local Powerbox office.
STANDARDS
MODEL
OUTPUT
OUTPUT*)
NUMBER*
VOLTAGE
CURRENT
DX100
1.5kV to 10kV
100uA
DX100N
–1.5kV to 10kV
100uA
DX120
1.8kV to 12kV
100uA
DX120N
–1.8kV to 12kV
100uA
DX150
2.5kV to 15kV
100uA
DX150N
–2.5kV to 15kV
100uA
DX200
3kV to 20kV
75uA
DX200N
–3kV to 20kV
75uA
DX250
4kV to 25kV
75uA
DX250N
–4kV to 25kV
75uA
WIRE COLOR
AWG
FUNCTION
Red
22
(+)Input
Black
22
Ground (input output)
Orange
22
Voltage control
30KV Silicon
22
HV output
Selection Table
Technical Illustration


Similar Part No. - DX150

ManufacturerPart #DatasheetDescription
logo
GREATECS
DX1 GREATECS-DX1 Datasheet
315Kb / 1P
   SPST Standard DIP Switches
logo
Hirose Electric
DX10-100P-CP3 HIROSE-DX10-100P-CP3 Datasheet
1Mb / 9P
   DX SERIES HIGH-DENSITY I/O CONNECTORS
DX10-100P-CR2A HIROSE-DX10-100P-CR2A Datasheet
1Mb / 9P
   DX SERIES HIGH-DENSITY I/O CONNECTORS
DX10-100P-CR3 HIROSE-DX10-100P-CR3 Datasheet
1Mb / 9P
   DX SERIES HIGH-DENSITY I/O CONNECTORS
DX10-100P-LNA HIROSE-DX10-100P-LNA Datasheet
1Mb / 9P
   DX SERIES HIGH-DENSITY I/O CONNECTORS
More results

Similar Description - DX150

ManufacturerPart #DatasheetDescription
logo
Powerbox
CA02P POWERBOX-CA02P Datasheet
405Kb / 1P
   1 WATT SINGLE OUTPUT DC / DC INDUSTRIAL
logo
Intronics Power, Inc.
DC500 INTRONICS-DC500 Datasheet
140Kb / 1P
   1.5 WATT SINGLE & DUAL OUTPUT DC-DC CONVERTERS
logo
Powerbox
G01CT POWERBOX-G01CT Datasheet
564Kb / 3P
   1.5-10 WATTS SINGLE OUTPUT DC/DC INDUSTRIAL
MAA02 POWERBOX-MAA02 Datasheet
532Kb / 2P
   1.5 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
PBBA-0505A POWERBOX-PBBA-0505A Datasheet
161Kb / 6P
   1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
PBB4A-C POWERBOX-PBB4A-C Datasheet
550Kb / 5P
   1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
PBB4A POWERBOX-PBB4A Datasheet
585Kb / 5P
   1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
E01 POWERBOX-E01 Datasheet
306Kb / 1P
   1.5-3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
List of Unclassifed Man...
TP201 ETC1-TP201 Datasheet
62Kb / 2P
   1.5 WATT and DUAL OUTPUT DC-DC CONVERTERS
logo
Bothhand USA, LP.
B4-0503SS BOTHHAND-B4-0503SS Datasheet
227Kb / 3P
   0.6 to 1.5 Watt Isolated DC-DC Converter Single Regulated Output
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com