Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCS300-4E Datasheet(PDF) 4 Page - Powerbox

Part # DCS300-4E
Description  1000-3000 WATTS PROGRAMMABLE DC SUPPLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

DCS300-4E Datasheet(HTML) 4 Page - Powerbox

  DCS300-4E Datasheet HTML 1Page - Powerbox DCS300-4E Datasheet HTML 2Page - Powerbox DCS300-4E Datasheet HTML 3Page - Powerbox DCS300-4E Datasheet HTML 4Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Your dependable power partner – www.powerbox.com.au
487
DCS Series
1000-3000 WATTS PROGRAMMABLE DC SUPPLY
Technical Illustrations
1KW AND 1.2KW
3KW
Options & Accesssories
INPUT VOLTAGE OPTIONS
M1
Factory configured for 115 VAC input (1 and 1.2 kW only)
REMOTE INTERFACE OPTIONS
M9C
Internal IEEE-488/RS 232 interface (Supports only 12-bit slaves)
M13
Locking shafts (front panel potentiometers)
M32
Master/slave cable configured for two or more units
M33
Replace input connector with terminal block(3 kW only)
M51A
Isolated analog programming control
M102
Front Panel Binding Posts (1 kW and 1.2 kW only?30A)
M85
12-bit slave interface
M130
Ethernet/RS232 Interface (Supports both 12- & 16-bit slaves)
M131
16-bit slave interface
M133
Output disconnect and polarity reversal relays*
M135
Output disconnect and polarity reversal relays**
M136
Output disconnect and polarity reversal relays***
105-330-26 Rack slide kit (3 kW only)
* Requires M9C ** Includes option M130 ***Includes option M131
J3 PROGRAM AND SENSE
1
90-250 VAC Remote Shutdown 14
TTL Shutdown
2
Shutdown Return
15
+12 VDC
3
OVP Program
16
1 mACurrent Source (OVP)
4
Remote/Local Status Indicator
17
OVP Indicator
5
Mode Status Indicator
18
Thermal S/DN Status
6
Ground
19
0-5V Voltage Monitor
7
0-5V Current Monitor
20
Remote Voltage Select
8
Voltage Control
21
1 mA Current Source (V)
9
Voltage Program Input
22
1 mA Current Source (I)
10
Current Program Unit
23
Remote Current Select
11
Current Control
24
Return
12
Return Sense
25
POS Output (8-100V Models Only)
13
POS Sense (8-100V Models Only


Similar Part No. - DCS300-4E

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
DCS3-10 SUPERWORLD-DCS3-10 Datasheet
109Kb / 1P
   POWER TRANSFORMER
DCS3-12 SUPERWORLD-DCS3-12 Datasheet
109Kb / 1P
   POWER TRANSFORMER
DCS3-120 SUPERWORLD-DCS3-120 Datasheet
109Kb / 1P
   POWER TRANSFORMER
DCS3-16 SUPERWORLD-DCS3-16 Datasheet
109Kb / 1P
   POWER TRANSFORMER
DCS3-20 SUPERWORLD-DCS3-20 Datasheet
109Kb / 1P
   POWER TRANSFORMER
More results

Similar Description - DCS300-4E

ManufacturerPart #DatasheetDescription
logo
Powerbox
SM3000 POWERBOX-SM3000 Datasheet
113Kb / 2P
   3000 WATTS PROGRAMMABLE DC SUPPLY
DLM5-350E POWERBOX-DLM5-350E Datasheet
133Kb / 3P
   3000-4000 WATTS PROGRAMMABLE DC SUPPLY
DLM600 POWERBOX-DLM600 Datasheet
169Kb / 3P
   600 WATTS PROGRAMMABLE DC SUPPLY
ES015-10 POWERBOX-ES015-10 Datasheet
111Kb / 2P
   150 WATTS PROGRAMMABLE DC SUPPLY
SM1500 POWERBOX-SM1500 Datasheet
119Kb / 2P
   1500 WATTS PROGRAMMABLE DC SUPPLY
SM6000 POWERBOX-SM6000 Datasheet
121Kb / 2P
   6000 WATTS PROGRAMMABLE DC SUPPLY
SM700 POWERBOX-SM700 Datasheet
150Kb / 2P
   600-700 WATTS PROGRAMMABLE DC SUPPLY
logo
XP Power Limited
HDL3000-SERIES XPPOWER-HDL3000-SERIES Datasheet
962Kb / 6P
   3000 Watts
logo
Astec America, Inc
HPS3KW ASTEC-HPS3KW Datasheet
225Kb / 3P
   3000 Watts
logo
Powerbox
PU600 POWERBOX-PU600 Datasheet
861Kb / 2P
   480 - 1000 WATTS DC/DC SINGLE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com