Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LG5230 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part No. LG5230
Description  RECTANGLE TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LIGITEK [LIGITEK electronics co., ltd.]
Homepage  http://www.ligitek.com
Logo 

LG5230 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Absolute Maximum Ratings at Ta=25
IFP
PD
IF
Tstg
Topr
Symbol
Typical Electrical & Optical Characteristics (Ta=25
)
Power Dissipation
Reverse Current @5V
Storage Temperature
Operating Temperature
Parameter
Peak Forward Current
Duty 1/10@10KHz
Forward Current
100
-40 ~ +100
-40 ~ +85
Ir
10
Ratings
G
120
30
mW
μA
mA
mA
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 2/5
110
Viewing
angle
2
θ1/2
(deg)
Min.
3.0
20
Min.
1.7
Forward
voltage
@
mA(V)
Max.
2.6
Peak
wave
length
λPnm
565
Spectral
halfwidth
△λnm
30
Typ.
Luminous
intensity
@10mA(mcd)
6.0
Emitted
Green
PART NO
LG5230
MATERIAL
GaP
Lens
COLOR
Green Diffused
PART NO. LG5230


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn