Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LG5230 Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part No. LG5230
Description  RECTANGLE TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LIGITEK [LIGITEK electronics co., ltd.]
Homepage  http://www.ligitek.com
Logo 

LG5230 Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
60
°
-60
°
25%
100%
50%
75%
25%
0
100%
50% 75%
-30
°
0
°
30
°
LG5230
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Package Dimensions
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
Directivity Radiation
+
-
25.0MIN
2.54TYP
1.0MIN
1.5MAX
PART NO.
1/5
Page
7.0
0.5
TYP
2.0
5.0


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn