Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LG5230 Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part No. LG5230
Description  RECTANGLE TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LIGITEK [LIGITEK electronics co., ltd.]
Homepage  http://www.ligitek.com
Logo 

LG5230 Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Fig.2 Relative Intensity vs. Forward Current
1000
100
10
Forward Current(mA)
1.0
5.0
4.0
3.0
2.0
Forward Voltage(V)
G CHIP
1000
10
1.0
1.0
0.1
100
Typical Electro-Optical Characteristics Curve
Fig.1 Forward current vs. Forward Voltage
3.0
2.0
1.0
1.5
2.5
Fig.4 Relative Intensity vs. Temperature
100
40
20
0
60
80
0.0
100
-40
0
20
40
60
80
Ambient Temperature(
)
-20
0.5
1.2
1.1
0.9
1.0
0.8
-40
-20
1.0
Fig.3 Forward Voltage vs. Temperature
Fig.5 Relative Intensity vs. Wavelength
Ambient Temperature(
)
Wavelength (nm)
0.5
0.0
Page 3/5
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
650
600
550
500
PART NO. LG5230


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn