Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LG3330-T-PF Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LG3330-T-PF
Description  LOW CURRENT ROUND TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG3330-T-PF Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LG3330-T-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LG3330-T-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LG3330-T-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LG3330-T-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG3330-T-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG3330-T-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2.Specifications are subject to change without notice.
0.25mm unless otherwise noted.
±
Note : 1.All dimension are in millimeter tolerance is
Directivity Radiation
Package Dimensions
Property of Ligitek Only
LIGITEK ELECTRONICS CO.,LTD.
1/5
Page
LG3330/T-PF
PART NO.
5.0 5.9
1.5MAX
25.0MIN
1.0MIN
2.54TYP
-
+
0.5
TYP
8.6
7.6


Similar Part No. - LG3330-T-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG3330-C9-PF LIGITEK-LG3330-C9-PF Datasheet
130Kb / 6P
   ROUND TYPE LED LAMPS
LG3330-H0-PF LIGITEK-LG3330-H0-PF Datasheet
137Kb / 6P
   ROUND TYPE LED LAMPS
LG3330-H0-PF-TBS-X LIGITEK-LG3330-H0-PF-TBS-X Datasheet
126Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LG3330-HV12-PF LIGITEK-LG3330-HV12-PF Datasheet
135Kb / 6P
   HIGH VOLTAGE LED LAMPS
LG3330-HV5-PF LIGITEK-LG3330-HV5-PF Datasheet
127Kb / 6P
   HIGH VOLTAGE LED LAMPS
More results

Similar Description - LG3330-T-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSR2640-T-PF LIGITEK-LSR2640-T-PF Datasheet
111Kb / 6P
   LOW CURRENT ROUND TYPE LED LAMPS
LVY3331-T-PF LIGITEK-LVY3331-T-PF Datasheet
106Kb / 6P
   LOW CURRENT ROUND TYPE LED LAMPS
LSR2640-1-T1-PF LIGITEK-LSR2640-1-T1-PF Datasheet
208Kb / 7P
   LOW CURRENT ROUND TYPE LED LAMPS
LSRF2640-1-T-PF LIGITEK-LSRF2640-1-T-PF Datasheet
111Kb / 6P
   LOW CURRENT ROUND TYPE LED LAMPS
LUR3331-T-PF LIGITEK-LUR3331-T-PF Datasheet
106Kb / 6P
   LOW CURRENT ROUND TYPE LED LAMPS
LVY3330-T LIGITEK-LVY3330-T Datasheet
92Kb / 5P
   LOW CURRENT ROUND TYPE LED LAMPS
LVG2040-T LIGITEK-LVG2040-T Datasheet
115Kb / 6P
   LOW CURRENT ROUND TYPE LED LAMPS
LHR25230-T-PF LIGITEK-LHR25230-T-PF Datasheet
111Kb / 6P
   LOW CURRENT ROUND TYPE LED LAMPS
LY3330-T-PF LIGITEK-LY3330-T-PF Datasheet
129Kb / 6P
   LOW CURRENT ROUND TYPE LED LAMPS
LDBK3331-T LIGITEK-LDBK3331-T Datasheet
111Kb / 6P
   LOW CURRENT ROUND TYPE LED LAMPS
LVG3330-T LIGITEK-LVG3330-T Datasheet
92Kb / 5P
   LOW CURRENT ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com