Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LG-150SE-CT Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LG-150SE-CT
Description  LED SMD
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG-150SE-CT Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LG-150SE-CT Datasheet HTML 1Page - LIGITEK electronics co., ltd. LG-150SE-CT Datasheet HTML 2Page - LIGITEK electronics co., ltd. LG-150SE-CT Datasheet HTML 3Page - LIGITEK electronics co., ltd. LG-150SE-CT Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG-150SE-CT Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG-150SE-CT Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG-150SE-CT Datasheet HTML 7Page - LIGITEK electronics co., ltd. LG-150SE-CT Datasheet HTML 8Page - LIGITEK electronics co., ltd. LG-150SE-CT Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PART NO. LG-150SE-CT
Page 1/10
Device Selection Guide:
Features:
1. Package in 8.0mm carrier tape on 7" diameter reel.
2. Compatible with automatic placement equipment.
3. Compatible with reflow solder process.
Descriptions:
1. The LG-150 SMD Taping is much smaller than
lead frame type components, thus enable smaller
board size, higher packing density, reduced storage
space and finally smaller equipment to be obtained.
2. Besides, lightweight makes them ideal for miniature
applications. etc.
Applications:
1. Automotive : backlighting in dashboard and switch.
2. Telecommunication : indicator and backlighting in telephone and fax.
3. Flat backlight for LCD, switch and symbol
4. General use.
PART NO
LG-150SE-CT
GaAsP/GaP
MATERIAL
Orange
Emitted
COLOR
Water Clear
Lens
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only


Similar Part No. - LG-150SE-CT

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-150SE-DBK-CT LIGITEK-LG-150SE-DBK-CT Datasheet
179Kb / 12P
   LED SMD
LG-150SE-G-CT LIGITEK-LG-150SE-G-CT Datasheet
178Kb / 12P
   LED SMD
More results

Similar Description - LG-150SE-CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com