Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LG-150-8SRF-CT Datasheet(PDF) 9 Page - LIGITEK electronics co., ltd.

Part # LG-150-8SRF-CT
Description  LED SMD
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG-150-8SRF-CT Datasheet(HTML) 9 Page - LIGITEK electronics co., ltd.

Back Button LG-150-8SRF-CT Datasheet HTML 3Page - LIGITEK electronics co., ltd. LG-150-8SRF-CT Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG-150-8SRF-CT Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG-150-8SRF-CT Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG-150-8SRF-CT Datasheet HTML 7Page - LIGITEK electronics co., ltd. LG-150-8SRF-CT Datasheet HTML 8Page - LIGITEK electronics co., ltd. LG-150-8SRF-CT Datasheet HTML 9Page - LIGITEK electronics co., ltd. LG-150-8SRF-CT Datasheet HTML 10Page - LIGITEK electronics co., ltd. LG-150-8SRF-CT Datasheet HTML 11Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 8/10
PART NO. LG-150-8SRF-CT
3-2 PB-Free Reflow Solder
Reflow Soldering should not be done more than two times.
60 ~ 120 sec
5sec
260° C MaX.
10sec.Max
120 sec.Max.
Preheat
180~200° C
1~5° C/sec
Above 220° C
60 sec.Max.
1~5° C/sec
Time
240
120
150
Preheat
Rising
+5
/sec
Cooling
-5
/sec
Preheat
120 ~ 150
3-1. LEAD Reflow Solder
120 ~ 180 sec
Temp.
(
)
Recommended Soldering Conditions
1. Hand Solder
Basic spec is
2803 sec one time only.
2. Wave Solder
245
±5within 5 sec
Soldering heat Max. 260


Similar Part No. - LG-150-8SRF-CT

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-150-8SEF-8UG-CT LIGITEK-LG-150-8SEF-8UG-CT Datasheet
360Kb / 13P
   LED SMD
LG-150-8SEF-CT LIGITEK-LG-150-8SEF-CT Datasheet
154Kb / 11P
   LED SMD
More results

Similar Description - LG-150-8SRF-CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com