Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LG-110HRF-9UG-CT Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LG-110HRF-9UG-CT
Description  LED SMD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG-110HRF-9UG-CT Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LG-110HRF-9UG-CT Datasheet HTML 1Page - LIGITEK electronics co., ltd. LG-110HRF-9UG-CT Datasheet HTML 2Page - LIGITEK electronics co., ltd. LG-110HRF-9UG-CT Datasheet HTML 3Page - LIGITEK electronics co., ltd. LG-110HRF-9UG-CT Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG-110HRF-9UG-CT Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG-110HRF-9UG-CT Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG-110HRF-9UG-CT Datasheet HTML 7Page - LIGITEK electronics co., ltd. LG-110HRF-9UG-CT Datasheet HTML 8Page - LIGITEK electronics co., ltd. LG-110HRF-9UG-CT Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1.0
Ambient Temperature(
)
Ambient Temperature(
)
Fig.5 Relative Intensity vs. Wavelength
-40
0.8
0.9
-20
-0
20
40
0.5
100
80
60
0
0
-20
-40
20
40
100
60
80
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Fig.2 Relative Intensity vs. Forward Current
100
Forward Current(mA)
Fig.4 Relative Intensity vs. Temperature
3.0
Forward Voltage(V)
Fig.3 Forward Voltage vs. Temperature
1.0
1.1
1.2
1.0
1.0
0.1
10
100
1.5
2.0
3.0
2.0
1.5
2.5
2.5
2.0
1.5
1.0
0.5
0
2.5
3.0
10
1.0
Typical Electro-Optical Characteristics Curve
Fig.1 Forward current vs. Forward Voltage
HRF CHIP
1000
3.5
1000
Fig.6 Directive Radiation
650
700
550
600
Wavelength (nm)
1.0
0.5
0
PART NO. LG-192HRF/9UG-CT
Page 4/11


Similar Part No. - LG-110HRF-9UG-CT

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-110HRF-CT LIGITEK-LG-110HRF-CT Datasheet
182Kb / 11P
   LED SMD
LG-110HRF-CTR LIGITEK-LG-110HRF-CTR Datasheet
182Kb / 11P
   LED SMD
LG-110HRF-DBK-CT LIGITEK-LG-110HRF-DBK-CT Datasheet
196Kb / 12P
   LED SMD
LG-110HRF-DGM-CT LIGITEK-LG-110HRF-DGM-CT Datasheet
178Kb / 12P
   LED SMD
More results

Similar Description - LG-110HRF-9UG-CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com