Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LG-110DBK-CT Datasheet(PDF) 11 Page - LIGITEK electronics co., ltd.

Part # LG-110DBK-CT
Description  LED SMD
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG-110DBK-CT Datasheet(HTML) 11 Page - LIGITEK electronics co., ltd.

Back Button LG-110DBK-CT Datasheet HTML 3Page - LIGITEK electronics co., ltd. LG-110DBK-CT Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG-110DBK-CT Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG-110DBK-CT Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG-110DBK-CT Datasheet HTML 7Page - LIGITEK electronics co., ltd. LG-110DBK-CT Datasheet HTML 8Page - LIGITEK electronics co., ltd. LG-110DBK-CT Datasheet HTML 9Page - LIGITEK electronics co., ltd. LG-110DBK-CT Datasheet HTML 10Page - LIGITEK electronics co., ltd. LG-110DBK-CT Datasheet HTML 11Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
PART NO. LG-110DBK-CT
Test Item
Operating Life Test
Low Temperature
Storage Test
High Temperature
Storage Test
High Temperature
High Humidity
Storage Test
Thermal Shock Test
Solderability Test
Temperature
Cycling
Environmental
Test
Endurance
Test
Classification
Reliability Test:
MIL-STD-202F: 208D
MIL-STD-750D: 2026
MIL-STD-883D: 2003
IEC 68 Part 2-20
JIS C 7021: A-2
IR Reflow
1.T=260 ° C Max. 10sec.Max.
2. 6 Min
MIL-STD-750D:2031.2
J-STD-020
1.105
℃ ~ 25℃ ~ -55℃ ~ 25
30mins 5mins 30mins 5mins
2.10 Cyeles
MIL-STD-202F: 107D
MIL-STD-750D: 1051
MIL-STD-883D: 1010
JIS C 7021: A-4
1.Ta=Under Room Temperature As Per Data Sheet
Maximum Rating.
2.If=20mA
3.t=1000 hrs (-24hrs, +72hrs)
MIL-STD-750D: 1026
MIL-STD-883D: 1005
JIS C 7021: B-1
1.Ta=105
℃±5&-40℃±5
(10min)
(10min)
2.total 10 cycles
MIL-STD-202F: 107D
MIL-STD-750D: 1051
MIL-STD-883D: 1011
1.T.Sol=235
℃±5
2.Immersion time 2
±0.5sec
3.Coverage
95% of the dipped surface
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=1000hrs
±2hrs
MIL-STD-202F:103B
JIS C 7021: B-11
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
JIS C 7021: B-12
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
MIL-STD-883D:1008
JIS C 7021: B-10
Test Condition
Reference
Standard
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 10/10


Similar Part No. - LG-110DBK-CT

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-110DBK-CT-T LIGITEK-LG-110DBK-CT-T Datasheet
150Kb / 11P
   LED SMD
LG-110DBK-CTR LIGITEK-LG-110DBK-CTR Datasheet
174Kb / 11P
   LED SMD
More results

Similar Description - LG-110DBK-CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com