Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTL2R3VEKNT Datasheet(PDF) 6 Page - Lite-On Technology Corporation

Part # LTL2R3VEKNT
Description  Property of Lite-On Only
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2R3VEKNT Datasheet(HTML) 6 Page - Lite-On Technology Corporation

  LTL2R3VEKNT Datasheet HTML 1Page - Lite-On Technology Corporation LTL2R3VEKNT Datasheet HTML 2Page - Lite-On Technology Corporation LTL2R3VEKNT Datasheet HTML 3Page - Lite-On Technology Corporation LTL2R3VEKNT Datasheet HTML 4Page - Lite-On Technology Corporation LTL2R3VEKNT Datasheet HTML 5Page - Lite-On Technology Corporation LTL2R3VEKNT Datasheet HTML 6Page - Lite-On Technology Corporation LTL2R3VEKNT Datasheet HTML 7Page - Lite-On Technology Corporation LTL2R3VEKNT Datasheet HTML 8Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
         
       
Electrical / Optical Characteristics at TA=25



 (P Series)
Parameter
Symbol
Part No. (LTL)
Min.
Typ.
Max.
Unit
Test Condition
2P3VRKNT
880
1400
2P3VEKNT
1150
1900
2P3VHKNT
1150
2000
2P3VAKNT
1150
2000
2P3VFKNT
1150
2000
2P3VYKNT
1150
2000
Luminous
Intensity
Iv
2P3VSKNT
1150
1900
mad
IF = 20mA
Note 1
Note 2
Viewing Angle
2
θ1/2
22
deg
Note 3 (Fig.5)
2P3VRKNT
639
2P3VEKNT
632
2P3VHKNT
624
2P3VAKNT
621
2P3VFKNT
611
2P3VYKNT
595
Peak Emission
Wavelength
λP
2P3VSKNT
588
nm
Measurement
@ peak (Fig.1)
2P3VRKNT
631
2P3VEKNT
624
2P3VHKNT
618
2P3VAKNT
615
2P3VFKNT
605
2P3VYKNT
592
Dominant
Wavelength
λd
2P3VSKNT
587
nm
Note 5
2P3VRKNT
20
2P3VEKNT
20
2P3VHKNT
18
2P3VFKNT
18
2P3VFKNT
17
2P3VYKNT
16
Spectral Line
Half-Width
∆λ
2P3VSKNT
15
nm
2P3VRKNT
1.9
2.3
2P3VEKNT
2.0
2.4
2P3VHKNT
2.0
2.4
2P3VAKNT
2.0
2.4
2P3VFKNT
2.0
2.4
2P3VYKNT
2.0
2.4
Forward Voltage
VF
2P3VSKNT
2.0
2.4
V
IF = 20mA
Reverse Current
IR
100
µA
VR = 5V
Capacitance
C
40
pF
VF = 0, f = 1 MHz
NOTES:
1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE eye-response curve.
2. Luminous intensity rank classified products support two ranks.
3.
θ 1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
4. Iv classification code is marked on each packing bag.
5. The dominant wavelength,
λd is derived from the CIE chromaticity diagram and represents the single wavelength which
defines the color of the device.
        
7

 !"#


Similar Part No. - LTL2R3VEKNT

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL2R3VEKNT-002 LITEON-LTL2R3VEKNT-002 Datasheet
615Kb / 11P
   Property of Lite-On Only
More results

Similar Description - LTL2R3VEKNT

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com