Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFI3360-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LFI3360-PF
Description  FLASH ROUND TYPE LED LAMPS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFI3360-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LFI3360-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFI3360-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFI3360-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
1.500 PCS / BAG
2. 8 BAG / INNER BOX
SIZE : L X W X H 33.5cm X 19cm X 7.5cm
H
W
C/NO:
MADE IN CHINA
L
3. 12 INNER BOXES / CARTON
SIZE : L X W X H 58.5cm X 34cm X 34cm
ITE
M
NO
.
Q'
TY
:
PC
S
N,
W
,:
kg
s
G,
W
,:
kg
s
H
L
W
PACKING SPECIFICATION


Similar Part No. - LFI3360-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LFI3660-PF LIGITEK-LFI3660-PF Datasheet
66Kb / 2P
   FLASH ROUND TYPE LED LAMPS
More results

Similar Description - LFI3360-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LFHRF3363-PF LIGITEK-LFHRF3363-PF Datasheet
66Kb / 2P
   FLASH ROUND TYPE LED LAMPS
LFURF3360-PF LIGITEK-LFURF3360-PF Datasheet
156Kb / 6P
   FLASH ROUND TYPE LED LAMPS
LFH2060 LIGITEK-LFH2060 Datasheet
59Kb / 1P
   FLASH ROUND TYPE LED LAMPS
LFH3360-PF LIGITEK-LFH3360-PF Datasheet
66Kb / 2P
   FLASH ROUND TYPE LED LAMPS
LFG2060 LIGITEK-LFG2060 Datasheet
59Kb / 1P
   FLASH ROUND TYPE LED LAMPS
LFI3660-PF LIGITEK-LFI3660-PF Datasheet
66Kb / 2P
   FLASH ROUND TYPE LED LAMPS
LFDGM2063-1.5HZ LIGITEK-LFDGM2063-1.5HZ Datasheet
158Kb / 6P
   FLASH ROUND TYPE LED LAMPS
L8I2041-PF LIGITEK-L8I2041-PF Datasheet
116Kb / 6P
   ROUND TYPE LED LAMPS
L8SEF3330-PF LIGITEK-L8SEF3330-PF Datasheet
131Kb / 6P
   ROUND TYPE LED LAMPS
L8G2040-PF LIGITEK-L8G2040-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com