Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFH2060 Datasheet(PDF) 1 Page - LIGITEK electronics co., ltd.

Part # LFH2060
Description  FLASH ROUND TYPE LED LAMPS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFH2060 Datasheet(HTML) 1 Page - LIGITEK electronics co., ltd.

  LFH2060 Datasheet HTML 1Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FLASH ROUND TYPE LED LAMPS
SERIES
Part Selection And Application Information (Ratings At 25
Ambient)
•℃
Absolute Maximum Rating (Ta=25 )
•℃
Note:1.All dimension are in millimeter tolerance is ±0.25mm unless otherwise noted
2.Specifications are subject to change without notice
Package Dimension
PART NO
MATERIAL
Peak
wave
length
λ
Pnm
Spectral
halfwidth
λ
nm
Pulse
rate(Hz)
volt=5v
Luminous
intensity
volt=5v(mcd)
Min.
Max.
Min.
Typ.
Operating
voltage
Emitted
PARAMETER
RED
GREEN
YELLOW
ORANGE
Operating Voltage
Operating Temperature
Storage Temperature
REMARK
Features
Built-in IC chip flashes lamps
on and off to attract attention
Pulse rate 2.4Hz
T-1 size
1 inch leads
Large full flood radiating area
IC compatible
Description
The LFH2060 series is a solid state
lamp with a red diffused plastic lens
The built-in IC flashes the lamp on/off
and can be driven directly by
standard TTL and CMOS circuit
eliminating the need for external
switching circuitry
UNIT
mA
Peak Current (1/4)
Duty cycle
V
LFH2060
LFH2060
GaP
2.0
3.0
1.8
3.2
3.0
Lead Soldering Temperature 260
For 5 Seconds(2.0mm From Body)
-0
TO +85
℃℃
-20
TO +85
℃℃
Reverse Voltage
V
DATE:24 - Jun - 2005
H
60
10
0.4
3.0 4.0
□0.5
TYP
25.0MIN
1.0MIN
2.54TYP
1.5MAX
4.2
5.2
Red
Red Diffused
697
90
Lens
COLOR
DOC NO:QW0905-LFH2060
Min.
Max.
10
REV. : A


Similar Part No. - LFH2060

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LFH25030 LITTELFUSE-LFH25030 Datasheet
1Mb / 4P
   LF Series Fuse Block Covers
Rev: 110413
LFH250301 LITTELFUSE-LFH250301 Datasheet
2Mb / 6P
   LF SEIRES CLASS H/K5 AND R FUSE BLOCKS
LFH250301 LITTELFUSE-LFH250301 Datasheet
1Mb / 6P
   LF SERIES CLASS H/K5 AND R FUSE BLOCKS
Rev: 010821
LFH250301 LITTELFUSE-LFH250301_V01 Datasheet
1Mb / 6P
   LF SERIES CLASS H/K5 AND R FUSE BLOCKS
Rev: 010821
LFH250302 LITTELFUSE-LFH250302 Datasheet
2Mb / 6P
   LF SEIRES CLASS H/K5 AND R FUSE BLOCKS
More results

Similar Description - LFH2060

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LFHRF3363-PF LIGITEK-LFHRF3363-PF Datasheet
66Kb / 2P
   FLASH ROUND TYPE LED LAMPS
LFI3360-PF LIGITEK-LFI3360-PF Datasheet
75Kb / 3P
   FLASH ROUND TYPE LED LAMPS
LFURF3360-PF LIGITEK-LFURF3360-PF Datasheet
156Kb / 6P
   FLASH ROUND TYPE LED LAMPS
LFH3360-PF LIGITEK-LFH3360-PF Datasheet
66Kb / 2P
   FLASH ROUND TYPE LED LAMPS
LFG2060 LIGITEK-LFG2060 Datasheet
59Kb / 1P
   FLASH ROUND TYPE LED LAMPS
LFI3660-PF LIGITEK-LFI3660-PF Datasheet
66Kb / 2P
   FLASH ROUND TYPE LED LAMPS
LFDGM2063-1.5HZ LIGITEK-LFDGM2063-1.5HZ Datasheet
158Kb / 6P
   FLASH ROUND TYPE LED LAMPS
L8I2041-PF LIGITEK-L8I2041-PF Datasheet
116Kb / 6P
   ROUND TYPE LED LAMPS
L8SEF3330-PF LIGITEK-L8SEF3330-PF Datasheet
131Kb / 6P
   ROUND TYPE LED LAMPS
L8G2040-PF LIGITEK-L8G2040-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com