Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFD435-62U-XX-RP32-PF Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LFD435-62U-XX-RP32-PF
Description  FOUR DIGIT LED DISPLAY (0.39 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFD435-62U-XX-RP32-PF Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LFD435-62U-XX-RP32-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFD435-62U-XX-RP32-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFD435-62U-XX-RP32-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFD435-62U-XX-RP32-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFD435-62U-XX-RP32-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFD435-62U-XX-RP32-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LFD435-62U-XX-RP32-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LFD435-62U-XX-RP32-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LFD435-62U-XX-RP32-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2.54X7=17.78
(0.7")
Note : 1.All dimension are in millimeters and (lnch) tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
PIN NO.1
Ø 0.45
TYP
3.2
±0.5
DIG.2
LFD435/62U-XX/RP32-PF
LIGITEK
40.18(1.582")
10.0
(0.39")
DIG.1
DP
Package Dimensions
LFD435/62U-XX/RP32-PF
PART NO.
12.8
(0.504")
E
L3
DIG.4
DIG.3
L2
L1
10.16
(0.4")
C
D
DP
A
G
F
B
7.0
(0.276")
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 1/8
PIN 1
PIN 8
PIN 9
PIN 16


Similar Part No. - LFD435-62U-XX-RP32-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LFD435-62-XX-F1 LIGITEK-LFD435-62-XX-F1 Datasheet
105Kb / 8P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD435-62-XX-F1-PF LIGITEK-LFD435-62-XX-F1-PF Datasheet
147Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD435-62-XX-RP39 LIGITEK-LFD435-62-XX-RP39 Datasheet
104Kb / 8P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD435-62-XX-S1-PF LIGITEK-LFD435-62-XX-S1-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
More results

Similar Description - LFD435-62U-XX-RP32-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LFD4K5-64S-XX-F4-PF LIGITEK-LFD4K5-64S-XX-F4-PF Datasheet
153Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD415-64-XX-T LIGITEK-LFD415-64-XX-T Datasheet
105Kb / 8P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD435-62-XX-S1-PF LIGITEK-LFD435-62-XX-S1-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD435-63HS-XX-S4-PF LIGITEK-LFD435-63HS-XX-S4-PF Datasheet
150Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD435-69-XX-D1-PF LIGITEK-LFD435-69-XX-D1-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-6A-XX-F2-PF LIGITEK-LFD4K5-6A-XX-F2-PF Datasheet
148Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-6SBKS-XX-F2 LIGITEK-LFD4K5-6SBKS-XX-F2 Datasheet
108Kb / 8P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-61-XX-F1-PF LIGITEK-LFD4K5-61-XX-F1-PF Datasheet
154Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-61-XX-F6-PF LIGITEK-LFD4K5-61-XX-F6-PF Datasheet
154Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-62V-XX-S7-PF LIGITEK-LFD4K5-62V-XX-S7-PF Datasheet
152Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-62-XX-F6-PF LIGITEK-LFD4K5-62-XX-F6-PF Datasheet
154Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com