Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFD265-6C-XX-PF Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LFD265-6C-XX-PF
Description  FOUR DIGIT LED DISPLAY (0.28 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFD265-6C-XX-PF Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LFD265-6C-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFD265-6C-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFD265-6C-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFD265-6C-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFD265-6C-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFD265-6C-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LFD265-6C-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LFD265-6C-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LFD265-6C-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
UNIT
4/8
Page
Ratings
8SR
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
mA
μA
mW
70
10
50
-25 ~ +85
-25 ~ +85
15
mA
Parameter
Operating Temperature
Storage Temperature
Peak Forward Current Per
Chip (Duty 1/10,0.1ms
Pulse Width)
Reverse Current Per Any Chip
Power Dissipation Per Chip
Forward Current Per Chip
Absolute Maximum Ratings at Ta=25
IFP
Symbol
IF
Topr
Tstg
Ir
PD
Solder Temperature 1/16 Inch Below Seating Plane For 3 Seconds At 260
Iv(mcd)
Typ.
Min.
IV-M
6.1
4.0
2:1
Vf(v)
Typ.
Min.
λP
(nm)
△λ
(nm)
1.5
2.1
20
660
Electrical
CHIP
Emitted
Material
Red
GaAlAs
PART NO
LFD265C-XX-PF
LFD266C-XX-PF
Part Selection And Application Information(Ratings at 25)
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Common
Cathode
Common
Anode
common
cathode
or anode
PART NO. LFD265/6C-XX-PF


Similar Part No. - LFD265-6C-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LFD265-62-XX LIGITEK-LFD265-62-XX Datasheet
100Kb / 8P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-62-XX-PF LIGITEK-LFD265-62-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-62-XX-RP11-PF LIGITEK-LFD265-62-XX-RP11-PF Datasheet
145Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-62V-XX-S1-PF LIGITEK-LFD265-62V-XX-S1-PF Datasheet
150Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-63-XX-PF LIGITEK-LFD265-63-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
More results

Similar Description - LFD265-6C-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LFD265-62-XX-RP11-PF LIGITEK-LFD265-62-XX-RP11-PF Datasheet
145Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-63-XX-PF LIGITEK-LFD265-63-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD4H5-62-XX-S LIGITEK-LFD4H5-62-XX-S Datasheet
100Kb / 8P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-22V-XX-PF LIGITEK-LFD211-22V-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-22-XX-PF LIGITEK-LFD211-22-XX-PF Datasheet
160Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-22-XX-SRP13-1 LIGITEK-LFD211-22-XX-SRP13-1 Datasheet
106Kb / 8P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-24S-XX-PF LIGITEK-LFD211-24S-XX-PF Datasheet
156Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-64-XX-PF LIGITEK-LFD265-64-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-21-XX LIGITEK-LFD211-21-XX Datasheet
100Kb / 8P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-6A-XX-RP85-PF LIGITEK-LFD265-6A-XX-RP85-PF Datasheet
149Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-6A-XX-S1-PF LIGITEK-LFD265-6A-XX-S1-PF Datasheet
150Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com