Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTL1CHJGTNN Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # LTL1CHJGTNN
Description  Property of Lite-On Only
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL1CHJGTNN Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LTL1CHJGTNN Datasheet HTML 1Page - Lite-On Technology Corporation LTL1CHJGTNN Datasheet HTML 2Page - Lite-On Technology Corporation LTL1CHJGTNN Datasheet HTML 3Page - Lite-On Technology Corporation LTL1CHJGTNN Datasheet HTML 4Page - Lite-On Technology Corporation LTL1CHJGTNN Datasheet HTML 5Page - Lite-On Technology Corporation LTL1CHJGTNN Datasheet HTML 6Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
  
       
Electrical / Optical Characteristics at TA=25



 (H Series)
Parameter
Symbol
Part No. (LTL)
Min.
Typ.
Max.
Unit
Test Condition
2F7JDTNN
65
120
2F7JRTNN
65
140
2F7JETNN
65
180
2F7JFTNN
65
180
2F7JYTNN
65
180
2F7JSTNN
65
180
Luminous
Intensity
Iv
2F7JGTNN
65
180
mcd
IF = 20mA
Note 1
Note 2
Viewing Angle
2
θ1/2
45
deg
Note 3 (Fig.5)
2F7JDTNN
650
2F7JRTNN
639
2F7JETNN
632
2F7JFTNN
611
2F7JYTNN
595
2F7JSTNN
588
Peak Emission
Wavelength
λP
2F7JGTNN
575
nm
Measurement
@ peak (Fig.1)
2F7JDTNN
639
2F7JRTNN
632
2F7JETNN
624
2F7JFTNN
605
2F7JYTNN
592
2F7JSTNN
587
Dominant
Wavelength
λd
2F7JGTNN
572
nm
Note 5
2F7JDTNN
20
2F7JRTNN
20
2F7JETNN
20
2F7JFTNN
17
2F7JYTNN
15
2F7JSTNN
15
Spectral Line
Half-Width
∆λ
2F7JGTNN
15
nm
2F7JDTNN
2.0
2.4
2F7JRTNN
2.0
2.3
2F7JETNN
2.05
2.4
2F7JFTNN
2.05
2.4
2F7JYTNN
2.05
2.4
2F7JSTNN
2.05
2.4
Forward Voltage
VF
2F7JGTNN
2.05
2.4
V
IF = 20mA
Reverse Current
IR
100
µA
VR = 5V
Capacitance
C
40
pF
VF = 0, f = 1 MHz
NOTES:
1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE eye-response curve.
2. Luminous intensity rank classified products support two ranks.
3.
θ 1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
4. Iv classification code is marked on each packing bag.
5. The dominant wavelength,
λd is derived from the CIE chromaticity diagram and represents the single wavelength which
defines the color of the device.
   
/
  ! "#


Similar Part No. - LTL1CHJGTNN

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL1CHJGTNN-002A LITEON-LTL1CHJGTNN-002A Datasheet
497Kb / 12P
   Through Hole Lamp
LTL1CHJGTNN-081A LITEON-LTL1CHJGTNN-081A Datasheet
409Kb / 11P
   Through Hole Lamp
More results

Similar Description - LTL1CHJGTNN

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com