Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFD4E5-62-XX-SRP128 Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LFD4E5-62-XX-SRP128
Description  FOUR DIGIT LED DISPLAY (0.4 Inch)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFD4E5-62-XX-SRP128 Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

  LFD4E5-62-XX-SRP128 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFD4E5-62-XX-SRP128 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFD4E5-62-XX-SRP128 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFD4E5-62-XX-SRP128 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFD4E5-62-XX-SRP128 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFD4E5-62-XX-SRP128 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LFD4E5-62-XX-SRP128 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LFD4E5-62-XX-SRP128 Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Luminous Intensity Matching Ratio
IV-M
Test Condition For Each Parameter
PART NO.
Forward Voltage Per Chip
Luminous Intensity Per Chip
Spectral Line Half-Width
Peak Wavelength
Reverse Current Any Chip
Parameter
Page 5/7
Vf
volt
Ir
△λ
Iv
λP
nm
μA
nm
mcd
Symbol
Unit
If=20mA
If=20mA
Vr=5V
If=10mA
If=20mA
Test Condition
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
LFD4E5/62-XX/SRP128


Similar Part No. - LFD4E5-62-XX-SRP128

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LFD4E5-62-XX-PF LIGITEK-LFD4E5-62-XX-PF Datasheet
111Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
More results

Similar Description - LFD4E5-62-XX-SRP128

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LFD4E5-62V-XX-PF LIGITEK-LFD4E5-62V-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
LFD4D5-65-XX-RP3-PF LIGITEK-LFD4D5-65-XX-RP3-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
LFD4C5-62-XX-RP9-PF LIGITEK-LFD4C5-62-XX-RP9-PF Datasheet
147Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
LFD4C5-62-XX-PF LIGITEK-LFD4C5-62-XX-PF Datasheet
146Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
LFD4C5-64SF-XX LIGITEK-LFD4C5-64SF-XX Datasheet
147Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
LFD4D5-62-XX-RP3-PF LIGITEK-LFD4D5-62-XX-RP3-PF Datasheet
148Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
LFD4D5-65-XX-RP32-PF LIGITEK-LFD4D5-65-XX-RP32-PF Datasheet
143Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
LFD4E5-62-XX LIGITEK-LFD4E5-62-XX Datasheet
138Kb / 8P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
LFD4E5-65-XX-PF LIGITEK-LFD4E5-65-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
LFD455-65-XX-PF LIGITEK-LFD455-65-XX-PF Datasheet
149Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com