Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LFD3L5-61-XX-PF Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part No. LFD3L5-61-XX-PF
Description  FOUR DIGIT LED DISPLAY (0.52 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LIGITEK [LIGITEK electronics co., ltd.]
Homepage  http://www.ligitek.com
Logo 

LFD3L5-61-XX-PF Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Note : 1.All dimension are in millimeters and (lnch) tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
LFD3L5/61-XX-PF
Package Dimensions
PART NO.
Page 1/8
PIN NO.1
DP9
DP8
7.0
(0.276")
DP10
13.2
(0.52")
DP5
DIG.2
DIG.3
DP2
DP1
DIG.1
DP7
DP6
DP3
LFD3L5/6X-XX-PF
LIGITEK
DP4
30.4(1.197")
DIG.4
8.2
±0.5
2.54*11=27.94(0.98")
7.6
(0.3")
0.45
TYP
10.0
(0.394")
E
DP
D
C
B
G
F
A
PIN 1
PIN 12
PIN 13
PIN 24


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn