Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LFD3L5-61-XX-PF Datasheet(PDF) 8 Page - LIGITEK electronics co., ltd.

Part No. LFD3L5-61-XX-PF
Description  FOUR DIGIT LED DISPLAY (0.52 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LIGITEK [LIGITEK electronics co., ltd.]
Homepage  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFD3L5-61-XX-PF Datasheet(HTML) 8 Page - LIGITEK electronics co., ltd.

  LFD3L5-61-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFD3L5-61-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFD3L5-61-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFD3L5-61-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFD3L5-61-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFD3L5-61-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LFD3L5-61-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LFD3L5-61-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LFD3L5-61-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Note: 1.Wave solder should not be made more than one time.
2.You can just only select one of the soldering conditions as above.
Dip Soldering
Preheat: 120
°C Max
Preheat time: 60seconds Max
Ramp-up
2
°C/sec(max)
Ramp-Down:-5
°C/sec(max)
Solder Bath:260
°C Max
Dipping Time:3 seconds Max
Distance:Solder Temperature 1/16 Inch Below Seating
Plane For 3 Seconds At 260
°C
2.Wave Soldering Profile
Soldering Condition(Pb-Free)
1.Iron:
Soldering Iron:30W Max
Temperature 350
°C Max
Soldering Time:3 Seconds Max(One time only)
Distance:Solder Temperature 1/16 Inch Below Seating
Plane For 3 Seconds At 260
°C
60 Seconds Max
25°
0
120°
Temp(
°C)
260°
50
Preheat
2
°/sec
max
100
5
°/sec
max
260
°C3sec Max
150
Time(sec)
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 7/8
PART NO. LFD3L5/61-XX-PF


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn