Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LFD3L5-61-XX-PF Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part No. LFD3L5-61-XX-PF
Description  FOUR DIGIT LED DISPLAY (0.52 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LIGITEK [LIGITEK electronics co., ltd.]
Homepage  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFD3L5-61-XX-PF Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LFD3L5-61-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFD3L5-61-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFD3L5-61-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFD3L5-61-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFD3L5-61-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFD3L5-61-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LFD3L5-61-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LFD3L5-61-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LFD3L5-61-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Common
Anode
4/8
Page
15
H
60
40
mW
mA
mA
UNIT
Symbol
IF
IFP
PD
Parameter
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Ratings
Absolute Maximum Ratings at Ta=25
Forward Current Per Chip
Power Dissipation Per Chip
Peak Forward Current Per
Chip (Duty 1/10,0.1ms
Pulse Width)
2:1
IV-M
Iv(mcd)
Vf(v)
Electrical
Typ.
Min.
0.2
0.14
Typ.
Min.
2.1
1.7
2.6
Max.
Topr
Tstg
90
697
common
cathode
or anode
λP
(nm)
△λ
(nm)
CHIP
Emitted
Red
GaP
Material
-25 ~ +85
-25 ~ +85
Common
Cathode
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Part Selection And Application Information(Ratings at 25)
PART NO
LFD3L61-XX-PF
LFD3L51-XX-PF
Storage Temperature
Operating Temperature
μA
10
Ir
Reverse Current Per Any Chip
PART NO. LFD3L5/61-XX-PF


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn