Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPC5121YVY400B Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # SPC5121YVY400B
Description  e300 Power Architecture processor core
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5121YVY400B Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  SPC5121YVY400B Datasheet HTML 1Page - Freescale Semiconductor, Inc SPC5121YVY400B Datasheet HTML 2Page - Freescale Semiconductor, Inc SPC5121YVY400B Datasheet HTML 3Page - Freescale Semiconductor, Inc SPC5121YVY400B Datasheet HTML 4Page - Freescale Semiconductor, Inc SPC5121YVY400B Datasheet HTML 5Page - Freescale Semiconductor, Inc SPC5121YVY400B Datasheet HTML 6Page - Freescale Semiconductor, Inc SPC5121YVY400B Datasheet HTML 7Page - Freescale Semiconductor, Inc SPC5121YVY400B Datasheet HTML 8Page - Freescale Semiconductor, Inc SPC5121YVY400B Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 86 page
background image
Ordering Information
MPC5121E/MPC5123 Data Sheet, Rev. 4
Freescale Semiconductor
3
Figure 1. Simplified MPC5121e/MPC5123 Block Diagram
1
Ordering Information
Table 1. MPC5121e Orderable Part Numbers
Freescale Part Number
Speed (MHz)
Temperature
(ambient)
Qualification
Package
Availability
MPC5121VY400B
400
0 oC to 70 oC
Consumer
RoHS and Pb-free
Tray
MPC5121VY400BR
400
0 oC to 70 oC
Consumer
RoHS and Pb-free
Tape and Reel
MPC5121YVY400B
400
–40 oC to 85 oC
Industrial
RoHS and Pb-free
Tray
MPC5121YVY400BR
400
–40 oC to 85 oC
Industrial
RoHS and Pb-free
Tape and Reel
SPC5121YVY400B
400
–40 oC to 85 oC
Automotive—AEC
RoHS and Pb-free
Tray
SPC5121YVY400BR
400
–40 oC to 85 oC
Automotive—AEC
RoHS and Pb-free
Tape and Reel
Table 2. MPC5123 Orderable Part Numbers
Freescale Part Number
Speed (MHz)
Temperature
(ambient)
Qualification
Package
Availability
MPC5123VY400B
400
0 oC to 70 oC
Consumer
RoHS and Pb-free
Tray
MPC5123VY400BR
400
0 oC to 70 oC
Consumer
RoHS and Pb-free
Tape and Reel
MPC5123YVY400B
400
–40 oC to 85 oC
Industrial
RoHS and Pb-free
Tray
83 MHz (max) IP Bus
Display
DDR1/DDR2 Memory
Functionally
Multiplexed I/O
LPC
NFC
PATA
AXE
Engine
8KB
DIU
Multi-Port
Memory Controller
MBX Lite
Graphics Engine with
Vector Processing
FEC
USB2
+ PHY
USB2
ULPI
SATA
+ PHY
PCI
Temp
Fuse
128 KB
SRAM
DMA
64-Channel
e300
Power Architecture
32 KB Instruction Cache
32 KB Data Cache
RESET/
JTAG/COP
CLOCK
Instruc-
VIU
not available in MPC5123
tion
Cache


Similar Part No. - SPC5121YVY400B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SPC5121YVY400B FREESCALE-SPC5121YVY400B Datasheet
1Mb / 86P
   Advance Information
SPC5121YVY400BR FREESCALE-SPC5121YVY400BR Datasheet
1Mb / 86P
   Advance Information
More results

Similar Description - SPC5121YVY400B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FAS216 ETC1-FAS216 Datasheet
49Kb / 8P
   Fast Architecture SCSI Processor
logo
Texas Instruments
OMAP5910JGDY2 TI1-OMAP5910JGDY2 Datasheet
2Mb / 171P
[Old version datasheet]   Dual-Core Processor
OMAP5910 TI-OMAP5910 Datasheet
1Mb / 166P
[Old version datasheet]   DUAL-CORE PROCESSOR
logo
Freescale Semiconductor...
CWH-CTP-COP-YE FREESCALE-CWH-CTP-COP-YE Datasheet
131Kb / 1P
   Power Architecture processor ( COP ) Probe Tips for CodeWarrior TAP
logo
STMicroelectronics
STM32 STMICROELECTRONICS-STM32_V01 Datasheet
140Kb / 6P
   Leading-edge architecture with Cortex-M3 core
2007
logo
Rockchip Electronics Co...
RV1108 ROCKCHIP-RV1108 Datasheet
2Mb / 68P
   Single-core ARM Cortex-A7 Core processor
Revision 1.4 June. 2018
logo
Texas Instruments
OMAP3530ECUS TI1-OMAP3530ECUS Datasheet
3Mb / 264P
[Old version datasheet]   OMAP3530/25 Applications Processor: OMAP 3 Architecture
logo
Freescale Semiconductor...
TWR-PXS2010 FREESCALE-TWR-PXS2010 Datasheet
751Kb / 8P
   Dual Core Power Architecture MCU for Industrial Control and Safety Applications
logo
Intersil Corporation
ISL6211 INTERSIL-ISL6211 Datasheet
257Kb / 16P
   Crusoe??Processor Core-Voltage Regulator
logo
Freescale Semiconductor...
MSC8144 FREESCALE-MSC8144 Datasheet
2Mb / 80P
   Quad Core Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com